Electronic Components Datasheet Search |
|
SMBJ100 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd |
|
SMBJ100 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd |
1 / 5 page Dimensions in inches and (millimeters) Version: A06 SMBJ SERIES 600 Watts Surface Mount Transient Voltage Suppressor SMB/DO-214AA .083(2.10) .077(1.95) .012(.31) .006(.15) .012(.31) .006(.15) .008(.20) .004(.10) .056(1.41) .035(0.90) .147(3.73) .137(3.48) .187(4.75) .167(4.25) .103(2.61) .078(1.99) .209(5.30) .201(5.10) Features For surface mounted application Low profile package Built-in strain relief Glass passivated junction Excellent clamping capability Fast response time: Typically less than 1.0ps from 0 volt to BV min. Typical IR less than 1 μA above 10V High temperature soldering guaranteed: 260oC / 10 seconds at terminals Plastic material used carries Underwriters Laboratory Flammability Classification 94V-0 600 watts peak pulse power capability with a 10 x 1000 us waveform by 0.01% duty cycle Mechanical Data Case: Molded plastic Terminals: Pure tin plated lead free, Polarity: Indicated by cathode band except bipolar Standard packaging: 12mm tape (EIA STD RS-481) Weight: 0.093gram Maximum Ratings and Electrical Characteristics Rating at 25 oC ambient temperature unless otherwise specified. Type Number Symbol Value Units Peak Power Dissipation at TA=25 oC, Tp=1ms (Note 1) PPK Minimum 600 Watts Steady State Power Dissipation Pd 3 Watts Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method) (Note 2, 3) - Unidirectional Only IFSM 100 Amps Maximum Instantaneous Forward Voltage at 50.0A for Unidirectional Only (Note 4) VF 3.5 / 5.0 Volts Typical Thermal Resistance (Note 5) RθJC RθJA 10 55 oC/W Operating and Storage Temperature Range TJ, TSTG -65 to + 150 oC Notes: 1. Non-repetitive Current Pulse Per Fig. 3 and Derated above TA=25 oC Per Fig. 2. 2. Mounted on 5.0mm 2 (.013 mm Thick) Copper Pads to Each Terminal. 3. 8.3ms Single Half Sine-wave or Equivalent Square Wave, Duty Cycle=4 pulses Per Minute Maximum. 4. VF=3.5V on SMBJ5.0 thru SMBJ90 Devices and VF=5.0V on SMBJ100 thru SMBJ170 Devices. 5. Measured on P.C.B. with 0.27 x 0.27” (7.0 x 7.0mm) Copper Pad Areas . Devices for Bipolar Applications 1. For Bidrectional Use C or CA Suffix for Types SMBJ5.0 through Types SMBJ170. 2. Electrical Characteristics Apply in Both Directions. |
Similar Part No. - SMBJ100 |
|
Similar Description - SMBJ100 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |