Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT245BL Datasheet(PDF) 6 Page - Future Technology Devices International Ltd.

Part # FT245BL
Description  USB FIFO ( USB - Parallel ) I.C.
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT245BL Datasheet(HTML) 6 Page - Future Technology Devices International Ltd.

Back Button FT245BL Datasheet HTML 2Page - Future Technology Devices International Ltd. FT245BL Datasheet HTML 3Page - Future Technology Devices International Ltd. FT245BL Datasheet HTML 4Page - Future Technology Devices International Ltd. FT245BL Datasheet HTML 5Page - Future Technology Devices International Ltd. FT245BL Datasheet HTML 6Page - Future Technology Devices International Ltd. FT245BL Datasheet HTML 7Page - Future Technology Devices International Ltd. FT245BL Datasheet HTML 8Page - Future Technology Devices International Ltd. FT245BL Datasheet HTML 9Page - Future Technology Devices International Ltd. FT245BL Datasheet HTML 10Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
DS245BL Version 1.7
© Future Technology Devices Intl. Ltd. 2005
Page 6 of 24
FT245BL USB FIFO ( USB - Parallel ) I.C.
Serial Interface Engine (SIE)
The Serial Interface Engine (SIE) block performs
the Parallel to Serial and Serial to Parallel
conversion of the USB data. In accordance to the
USB 2.0 specification, it performs bit stuffing / un-
stuffing and CRC5 / CRC16 generation / checking
on the USB data stream.
USB Protocol Engine
The USB Protocol Engine manages the data
stream from the device USB control endpoint. It
handles the low level USB protocol (Chapter 9)
requests generated by the USB host controller
and the commands for controlling the functional
parameters of the FIFO.
FIFO Receive Buffer (128 bytes)
Data sent from the USB Host to the FIFO via
the USB data out endpoint is stored in the FIFO
Receive Buffer and is removed from the buffer by
reading the FIFO contents using RD#.
FIFO Transmit Buffer (384 bytes)
Data written into the FIFO using WR# is stored in
the FIFO Transmit Buffer. The Host removes Data
from the FIFO Transmit Data by sending a USB
request for data from the device data in endpoint.
FIFO Controller
The FIFO Controller handles the transfer of data
between the external FIFO interface pins and the
FIFO Transmit and Receive buffers.
RESET Generator
The Reset Generator Cell provides a reliable
power-on reset to the device internal circuitry
on power up. An additional RESET# input and
RSTOUT# output are provided to allow other
devices to reset the FT245BL, or the FT245BL
to reset other devices respectively. During reset,
RSTOUT# is driven low, otherwise it drives out
at the 3.3V provided by the onboard regulator.
RSTOUT# can be used to control the 1.5K
pull-up on USBDP directly where delayed USB
enumeration is required. RSTOUT# will be low for
approximately 5ms after VCC has risen above 3.5V
AND the device oscillator is running AND RESET#
is high. RESET# should be tied to VCC unless it
is a requirement to reset the device from external
logic or an external reset generator I.C.
EEPROM Interface
Though the FT245BL will work without the optional
EEPROM, an external 93C46 (93C56 or 93C66)
EEPROM can be used to customise the USB VID,
PID, Serial Number, Product Description Strings
and Power Descriptor value of the FT245BL for
OEM applications. Other parameters controlled
by the EEPROM include Remote Wake Up,
Isochronous Transfer Mode, Soft Pull Down on
Power-Off and USB 2.0 descriptor modes.
The EEPROM should be a 16 bit wide
configuration such as a MicroChip 93LC46B or
equivalent capable of a 1Mb/s clock rate at VCC =
4.35V to 5.25V. The EEPROM is programmable-
on board over USB using a utility available from
FTDI’s web site ( http://www.ftdichip.com ). This
allows a blank part to be soldered onto the PCB
and programmed as part of the manufacturing and
test process.
If no EEPROM is connected (or the EEPROM is
blank), the FT245BL will use its built-in default VID,
PID Product Description and Power Descriptor
Value. In this case, the device will not have a serial
number as part of the USB descriptor.


Similar Part No. - FT245BL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT245BL ETC-FT245BL Datasheet
505Kb / 24P
   FT245BL USB FIFO ( USB - Parallel ) I.C.
More results

Similar Description - FT245BL

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT245BQ FTDI-FT245BQ Datasheet
555Kb / 24P
   USB FIFO ( USB - Parallel ) I.C.
FT245BM FTDI-FT245BM Datasheet
550Kb / 24P
   USB FIFO ( USB - Parallel ) I.C.
logo
List of Unclassifed Man...
FT245BL ETC-FT245BL Datasheet
505Kb / 24P
   FT245BL USB FIFO ( USB - Parallel ) I.C.
logo
Future Technology Devic...
FT2232C FTDI-FT2232C Datasheet
907Kb / 51P
   Dual USB UART / FIFO I.C.
FT2232D FTDI-FT2232D Datasheet
952Kb / 56P
   Dual USB UART/FIFO I.C.
FT2232L FTDI-FT2232L Datasheet
935Kb / 51P
   Dual USB UART / FIFO I.C.
FT2232C FTDI-FT2232C_04 Datasheet
1,022Kb / 54P
   Dual USB UART / FIFO I.C.
FT245R FTDI-FT245R Datasheet
728Kb / 25P
   USB FIFO I.C. Incorporating FTDIChip-ID??Security Dongle
FT232BQ FTDI-FT232BQ Datasheet
557Kb / 26P
   USB UART ( USB - Serial) I.C.
FT232BL FTDI-FT232BL Datasheet
540Kb / 25P
   USB UART ( USB - Serial) I.C.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com