Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP4360H3BJ Datasheet(PDF) 1 Page - Power Innovations Ltd

Part # TISP4360H3BJ
Description  BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TISP4360H3BJ Datasheet(HTML) 1 Page - Power Innovations Ltd

  TISP4360H3BJ Datasheet HTML 1Page - Power Innovations Ltd TISP4360H3BJ Datasheet HTML 2Page - Power Innovations Ltd TISP4360H3BJ Datasheet HTML 3Page - Power Innovations Ltd TISP4360H3BJ Datasheet HTML 4Page - Power Innovations Ltd TISP4360H3BJ Datasheet HTML 5Page - Power Innovations Ltd TISP4360H3BJ Datasheet HTML 6Page - Power Innovations Ltd TISP4360H3BJ Datasheet HTML 7Page - Power Innovations Ltd TISP4360H3BJ Datasheet HTML 8Page - Power Innovations Ltd TISP4360H3BJ Datasheet HTML 9Page - Power Innovations Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TISP4360H3BJ
BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
PR O D UC T
I N FO R M A T IO N
1
JUNE 1999
Copyright © 1999, Power Innovations Limited, UK
Information is current as of publication date. Products conform to specifications in accordance
with the terms of Power Innovations standard warranty. Production processing does not
necessarily include testing of all parameters.
OVERVOLTAGE PROTECTOR FOR ADSL MODEMS & SPLITTERS
q
Matched to POTS + ADSL Voltages
- Working Voltage, VDRM . . . . . . . . . . . . .290 V
- Protection Voltage, V(BO). . . . . . . . . . . .360 V
q
High FCC, Bellcore & ITU Surge Ratings
q
High UL 1950, Bellcore & ITU AC Capability
WAVE SHAPE
STANDARD
ITSP
A
2/10 µs
GR-1089-CORE
500
10/160 µs
FCC Part 68
250
10/700 µs
ITU-T K20/21
FCC Part 68
200
10/560 µs
FCC Part 68
160
10/1000 µs
GR-1089-CORE
100
STANDARD
APPLIED AC
A RMS
‘4360 IT(OV)M LIMIT
s
UL 1950
(ANNEX NAC)
40
7
2.2
0.04
4.2
SURVIVES
GR-1089-CORE
60
30
15
2.2
0.015
0.08
0.48
SURVIVES
ITU-T K20/21
23
1
0.15
SURVIVES
q
Large creepage distance . . . . . . . . . 2.54 mm
q
Low Capacitance . . . . . . . . . . . . 24 pF @ 50 V
. . . . . . . . . . . . . .70 pF @ 0
description
The TISP4360H3BJ is designed to limit overvoltages on equipment used for telephone lines carrying POTS
(Plain Old Telephone System) and ADSL (Asymmetrical Digital Subscriber Line) signals. TISP4360H3BJ a.c.
overload limits are specified for designers to select the correct overcurrent protectors to meet safety
requirements, e.g. UL 1950.
The protector consists of a symmetrical voltage-triggered bidirectional thyristor. Overvoltages are initially
clipped by breakdown clamping. If sufficient current is available from the overvoltage, the breakdown voltage
will rise to the breakover level, which causes the device to switch into a low-voltage on-state condition. This
switching action removes the high voltage stress from the following circuitry and causes the current resulting
from the overvoltage to be safely diverted through the protector. The high holding (switch off) current prevents
d.c. latchup as the diverted current subsides.
The TISP4360H3BJ is guaranteed to voltage limit and withstand the listed international lightning surges in
both polarities. This high (H) current protection device is in a plastic SMBJ package (JEDEC DO-214AA with
J-bend leads) and supplied in embossed carrier reel pack. For alternative voltage and holding current values,
consult the factory.
device symbol
T
R
SD4XAA
Terminals T and R correspond to the
alternative line designators of A and B
12
T(A)
R(B)
SMBJ PACKAGE
(TOP VIEW)
MDXXBG


Similar Part No. - TISP4360H3BJ

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP4360H3BJ BOURNS-TISP4360H3BJ Datasheet
328Kb / 12P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP4360H3BJ

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP4070L3BJ POINN-TISP4070L3BJ Datasheet
223Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP4070M3BJ POINN-TISP4070M3BJ Datasheet
317Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP4XXXF3LM BOURNS-TISP4XXXF3LM Datasheet
384Kb / 11P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4290T3BJ BOURNS-TISP4290T3BJ_08 Datasheet
232Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3LM BOURNS-TISP4XXXM3LM Datasheet
449Kb / 16P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4500H3BJ BOURNS-TISP4500H3BJ Datasheet
201Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XX0T3BJ BOURNS-TISP4XX0T3BJ Datasheet
159Kb / 9P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXJ3BJ BOURNS-TISP4XXXJ3BJ Datasheet
187Kb / 8P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3AJ BOURNS-TISP4XXXM3AJ Datasheet
426Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4070M3BJ BOURNS-TISP4070M3BJ_07 Datasheet
650Kb / 12P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP43XXMMAJBJ BOURNS-TISP43XXMMAJBJ Datasheet
438Kb / 20P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com