Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS378R00 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS378R00
Description  3A Ultra Low Dropout Voltage Regulator w/Disable
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS378R00 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS378R00 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS378R00 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS378R00 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS378R00 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TS378R00
1-4
2005/5 rev. B
TS378R00
3A Ultra Low Dropout Voltage Regulator w/Disable
ITO-220-4L
ITO-220-4SL
Low Dropout Voltage 0.5V max.
General Description
The TS378R00 Series is a low-dropout voltage regulator suitable for various electronic equipments. It provides constant voltage
power source with ITO-220 4 lead full mold package.
Dropout voltage of TS378R00 Series is below 0.5V in full rated current (3A). This regulator has various functions such as a peak
current protection, thermal shut down, over voltage protection and an output disable function.
Features
Ultra Low Dropout performance 0.5Vmax 3A
Over Current Protection, Thermal Shutdown
Over Voltage Protection, Short Circuit Protection
With Output Disable Function
± 2.4% Typical Total output
TO-220 Full-Mold Package (4Pin)
Ordering Information
Part No.
Operating Temp.
Package
TS378RxxCI4
ITO-220-4L
TS378RxxCI4S
-40 ~ +125
oC
ITO-220-4SL
Note: Where xx denotes voltage option,
33=3.3V, 05=5.0V, 08=8.0V, 09=9.0V, 12=12V
Block Diagram
Pin assignment:
1. Input
2. Output
3. Gnd
4. Enable


Similar Part No. - TS378R00

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS378RL00 TSC-TS378RL00 Datasheet
240Kb / 5P
   3A Ultra Low Dropout Voltage Regulator w/Disable
TS378RL05 TSC-TS378RL05 Datasheet
240Kb / 5P
   3A Ultra Low Dropout Voltage Regulator w/Disable
TS378RL08 TSC-TS378RL08 Datasheet
240Kb / 5P
   3A Ultra Low Dropout Voltage Regulator w/Disable
TS378RL09 TSC-TS378RL09 Datasheet
240Kb / 5P
   3A Ultra Low Dropout Voltage Regulator w/Disable
TS378RL12 TSC-TS378RL12 Datasheet
240Kb / 5P
   3A Ultra Low Dropout Voltage Regulator w/Disable
More results

Similar Description - TS378R00

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS378RL00 TSC-TS378RL00 Datasheet
240Kb / 5P
   3A Ultra Low Dropout Voltage Regulator w/Disable
TS278RL00 TSC-TS278RL00 Datasheet
236Kb / 5P
   2A Ultra Low Dropout Voltage Regulator w/Disable
TS178R00 TSC-TS178R00 Datasheet
184Kb / 5P
   1A Ultra Low Dropout Voltage Regulator w/Disable
TS278R00 TSC-TS278R00 Datasheet
179Kb / 4P
   2A Ultra Low Dropout Voltage Regulator w/Disable
logo
Sipex Corporation
SPX1582 SIPEX-SPX1582_06 Datasheet
204Kb / 7P
   3A Ultra Low Dropout Voltage Regulator
logo
Richtek Technology Corp...
RT9059 RICHTEK-RT9059 Datasheet
182Kb / 12P
   3A, Ultra-Low Dropout Voltage Regulator
logo
Exar Corporation
SPX1582 EXAR-SPX1582 Datasheet
210Kb / 7P
   3A Ultra Low Dropout Voltage Regulator
logo
Richtek Technology Corp...
RT9059B RICHTEK-RT9059B Datasheet
160Kb / 12P
   3A, Ultra-Low Dropout Voltage Regulator
logo
Exar Corporation
XRP6275 EXAR-XRP6275 Datasheet
1Mb / 11P
   3A Ultra Low Dropout Voltage Regulator
logo
Taiwan Semiconductor Co...
TS39300 TSC-TS39300 Datasheet
296Kb / 6P
   3A Ultra Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com