Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS278R12 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TS278R12
Description  2A Ultra Low Dropout Voltage Regulator w/Disable
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS278R12 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS278R12 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS278R12 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS278R12 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS278R12 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TS278R00 Series
4-4
2005/5 rev. B
ITO-220-4L Mechanical Drawing
ITO-220-4L DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
4.42
4.72
0.174
0.186
A1
2.69
2.89
0.136
0.114
A2
1.68
1.88
0.066
0.074
D
10.00
10.20
0.394
0.402
E
6.85
7.05
0.269
0.278
E1
8.54
8.74
0.336
0.344
L
13.15
13.55
0.518
0.533
L2
16.56
16.76
0.652
0.660
L2
3.60
3.80
0.142
0.150
He
28.44
28.92
1.119
1.159
C
0.48
0.019
E
2.54(TYP)
0.1(TYP)
b
0.635(TYP)
0.025(TYP)
θ
ITO-220-4SL Mechanical Drawing
ITO-220-4SL DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
4.42
4.72
0.174
0.186
A1
2.69
2.89
0.136
0.114
A2
1.68
1.88
0.066
0.074
D
10.00
10.20
0.394
0.402
E
6.85
7.05
0.269
0.278
E1
8.54
8.74
0.336
0.344
L
8.32
8.72
0.328
0.343
L2
16.56
16.76
0.652
0.660
L2
3.60
3.80
0.142
0.150
He
23.72
24.72
0.934
0.973
C
0.48
0.019
E
2.54(TYP)
0.1(TYP)
b
0.635(TYP)
0.025(TYP)
θ


Similar Part No. - TS278R12

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS278RL00 TSC-TS278RL00 Datasheet
236Kb / 5P
   2A Ultra Low Dropout Voltage Regulator w/Disable
TS278RL05 TSC-TS278RL05 Datasheet
236Kb / 5P
   2A Ultra Low Dropout Voltage Regulator w/Disable
TS278RL08 TSC-TS278RL08 Datasheet
236Kb / 5P
   2A Ultra Low Dropout Voltage Regulator w/Disable
TS278RL09 TSC-TS278RL09 Datasheet
236Kb / 5P
   2A Ultra Low Dropout Voltage Regulator w/Disable
TS278RL12 TSC-TS278RL12 Datasheet
236Kb / 5P
   2A Ultra Low Dropout Voltage Regulator w/Disable
More results

Similar Description - TS278R12

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS278RL00 TSC-TS278RL00 Datasheet
236Kb / 5P
   2A Ultra Low Dropout Voltage Regulator w/Disable
TS378R00 TSC-TS378R00 Datasheet
178Kb / 4P
   3A Ultra Low Dropout Voltage Regulator w/Disable
TS378RL00 TSC-TS378RL00 Datasheet
240Kb / 5P
   3A Ultra Low Dropout Voltage Regulator w/Disable
TS178R00 TSC-TS178R00 Datasheet
184Kb / 5P
   1A Ultra Low Dropout Voltage Regulator w/Disable
logo
Exar Corporation
XRP6274 EXAR-XRP6274 Datasheet
1Mb / 11P
   2A Ultra Low Dropout Voltage Regulator
logo
Global Mixed-mode Techn...
G9205 GMT-G9205 Datasheet
257Kb / 8P
   5V 2A Low Dropout Regulator with Disable
G9225 GMT-G9225 Datasheet
227Kb / 7P
   2.5V 2A Low Dropout Regulator with Disable
logo
Silicon Standard Corp.
SS8046 SSC-SS8046 Datasheet
344Kb / 7P
   3.3V 2A Low-Dropout Regulator with Disable
logo
Global Mixed-mode Techn...
G9233 GMT-G9233 Datasheet
297Kb / 8P
   3.3V 2A LOW DROPOUT REGULATOR WITH DISABLE
logo
Rohm
BAXXDD0T ROHM-BAXXDD0T Datasheet
388Kb / 6P
   2A Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com