Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB1201AB Datasheet(PDF) 11 Page - Power Innovations Ltd

Part # LB1201AB
Description  DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

LB1201AB Datasheet(HTML) 11 Page - Power Innovations Ltd

Back Button LB1201AB Datasheet HTML 6Page - Power Innovations Ltd LB1201AB Datasheet HTML 7Page - Power Innovations Ltd LB1201AB Datasheet HTML 8Page - Power Innovations Ltd LB1201AB Datasheet HTML 9Page - Power Innovations Ltd LB1201AB Datasheet HTML 10Page - Power Innovations Ltd LB1201AB Datasheet HTML 11Page - Power Innovations Ltd LB1201AB Datasheet HTML 12Page - Power Innovations Ltd LB1201AB Datasheet HTML 13Page - Power Innovations Ltd LB1201AB Datasheet HTML 14Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
SEPTEMBER 1995 - REVISED SEPTEMBER 1997
TISP61060D, TISP61060P
DUAL FORWARD-CONDUCTING P-GATE THYRISTORS
PROGRAMMABLE OVERVOLTAGE PROTECTORS
PRODUCT
INFORMATION
TISP61060 a.c. ratings. As covered earlier, the gate decoupling capacitor should be 100 nF and should be
mounted as close to the protector as possible.
application circuit
Figure 8 shows a typical TISP61060 SLIC card protection circuit. The incoming line wires, R and T, connect to
the relay matrix via the series over-current protection. Fusible resistors, fuses and positive temperature
coefficient (PTC) resistors can be used for over-current protection. Resistors will reduce the prospective
current from the surge generator for both the TISP61060 and the ring/test protector. The TISP7xxxF3
protector has the same protection voltage for any terminal pair. This protector is used when the ring generator
configuration maybe ground or battery-backed. For dedicated ground-backed ringing generators, the
TISP3xxxF3 gives better protection as its inter-wire protection voltage is twice the wire to ground value.
Relay contacts 3a and 3b connect the line wires to the SLIC via the TISP61060 protector. The protector gate
reference voltage comes from the SLIC negative supply (VBAT). A 100 nF gate capacitor sources the high
gate current pulses caused by fast rising impulses.
Figure 8. TYPICAL APPLICATION CIRCUIT
TEST
RELAY
RING
RELAY
SLIC
RELAY
TEST
EQUIP-
MENT
RING
GENERATOR
S1a
S1b
R1
R2
RING
WIRE
TIP
WIRE
Th1
Th2
Th3
Th4
Th5
SLIC
SLIC
PROTECTOR
RING/TEST
PROTECTION
OVER-
CURRENT
PROTECTION
S2a
S2b
TISP
61060
TISP
3xxxF3
OR
7xxxF3
S3a
S3b
V
BAT
100 nF
AI6XAF


Similar Part No. - LB1201AB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LB1201AB ETC1-LB1201AB Datasheet
649Kb / 15P
   LH1263 E&M Signaling Circuit
More results

Similar Description - LB1201AB

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP61089AS POINN-TISP61089AS Datasheet
277Kb / 16P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS?
logo
Bourns Electronic Solut...
TISP61089BSD BOURNS-TISP61089BSD Datasheet
428Kb / 20P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61521 BOURNS-TISP61521_08 Datasheet
374Kb / 9P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089 BOURNS-TISP61089 Datasheet
182Kb / 12P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61521 BOURNS-TISP61521 Datasheet
253Kb / 11P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP61089 POINN-TISP61089 Datasheet
425Kb / 17P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS?
logo
Bourns Electronic Solut...
TISP61089D BOURNS-TISP61089D Datasheet
253Kb / 8P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP61089S POINN-TISP61089S Datasheet
284Kb / 16P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP61511D BOURNS-TISP61511D_08 Datasheet
653Kb / 9P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP61089A POINN-TISP61089A Datasheet
319Kb / 17P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com