Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL440B-24 Datasheet(PDF) 1 Page - AverLogic Technologies Inc

Part # AL440B-24
Description  4M-Bit High Speed FIFO Field Memory
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVERLOGIC [AverLogic Technologies Inc]
Direct Link  http://www.averlogic.com
Logo AVERLOGIC - AverLogic Technologies Inc

AL440B-24 Datasheet(HTML) 1 Page - AverLogic Technologies Inc

  AL440B-24 Datasheet HTML 1Page - AverLogic Technologies Inc AL440B-24 Datasheet HTML 2Page - AverLogic Technologies Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AL440B
4M-Bit High Speed FIFO Field Memory
Applications
-
Multimedia systems
-
Video capture or editing systems for
NTSC/PAL or SVGA resolution
-
Security systems
-
Scan rate converter
-
PIP(Picture In Picture) video display
-
TBC(Time Base Correction)
-
Frame Synchronizer
-
Digital Video Camera
-
Hard Disk cache memory
-
Buffer for Communication System
* 80MHz High-Speed Version
-
DTV/HDTV video stream buffer
Description
The AL440B is a high-performance FIFO
(First-In-First-Out)
field
memory
chip
designed
to
buffer
audio/video/graphic
digital data for a wide range of applications.
Ordering Information
Part number
Package
Power supply
AL440B-24
(40MHz)
44-pin plastic
TSOP(II)
+3.3V
±10%
AL440B-12
(80MHz)
44-pin plastic
TSOP(II)
+3.3V
±10%
14
AL440B-12/24 TSOP (II) pinout diagram
AVERLOGIC
AL440B-XX
XXXXX
XXXX
1
Lot Number
Date Code
Speed
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
Features
• 4Mbits (512k x 8 bits) organization FIFO
• Independent 8-bit data I/O port operations
• Available in 2 speed grades: 80 and 40Mhz
• Input Enable control (write mask)
• Output Enable control (data skipping)
• Supports Input ready/Output ready flags
• Selectable control signal polarity
• Programmable window mode data access
with mirroring function support
• Self-refresh
• 5V signals input tolerance
• 3.3V±10% power supply
• Standard 44-pin TSOP (II) package


Similar Part No. - AL440B-24

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AL440B-12 ETC-AL440B-12 Datasheet
672Kb / 33P
   4Mbits (512k x 8-bit) FIFO memory
More results

Similar Description - AL440B-24

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8A66120FFA RENESAS-R8A66120FFA Datasheet
302Kb / 15P
   4M-bit x 2 MULTIPLE FIELD MEMORY
logo
AverLogic Technologies ...
AL422B AVERLOGIC-AL422B_V01 Datasheet
1Mb / 20P
   3M-Bits FIFO Field Memory
logo
List of Unclassifed Man...
AL422 ETC1-AL422 Datasheet
254Kb / 20P
   AL422 3M-Bits FIFO Field Memory
logo
Renesas Technology Corp
M66252P RENESAS-M66252P Datasheet
2Mb / 12P
   1152*8-BIT LINE MEMORY(FIFO)
logo
Sanyo Semicon Device
LE25U40CMC SANYO-LE25U40CMC Datasheet
180Kb / 23P
   4M-bit (512K횞8) Serial Flash Memory
LE25U40CQE SANYO-LE25U40CQE Datasheet
139Kb / 22P
   4M-bit (512K??) Serial Flash Memory
logo
AiT Semiconductor Inc.
A25D40 AITSEMI-A25D40 Datasheet
2Mb / 31P
   MEMORY SPI NOR FLASH 4M BIT
REV1.0
logo
OKI electronic componet...
MSM9893L OKI-MSM9893L Datasheet
146Kb / 9P
   4M-bit Serial Voice Flash Memory
logo
Sanyo Semicon Device
LE25FS406 SANYO-LE25FS406 Datasheet
204Kb / 22P
   4M-bit (512K횞8) Serial Flash Memory
LE25S40MB SANYO-LE25S40MB Datasheet
171Kb / 22P
   4M-bit (512K횞8) Serial Flash Memory
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com