Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB82DBS02163C Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # MB82DBS02163C
Description  32 M Bit (2 M word횞16 bit) Mobile Phone Application Specific Memory
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB82DBS02163C Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  MB82DBS02163C Datasheet HTML 1Page - Fujitsu Component Limited. MB82DBS02163C Datasheet HTML 2Page - Fujitsu Component Limited. MB82DBS02163C Datasheet HTML 3Page - Fujitsu Component Limited. MB82DBS02163C Datasheet HTML 4Page - Fujitsu Component Limited. MB82DBS02163C Datasheet HTML 5Page - Fujitsu Component Limited. MB82DBS02163C Datasheet HTML 6Page - Fujitsu Component Limited. MB82DBS02163C Datasheet HTML 7Page - Fujitsu Component Limited. MB82DBS02163C Datasheet HTML 8Page - Fujitsu Component Limited. MB82DBS02163C Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 63 page
background image
MB82DBS02163C-70L
2
■ PRODUCT LINEUP
■ PIN ASSIGNMENT
Parameter
MB82DBS02163C-70L
Access Time (Max) (tCE, tAA)
70 ns
CLK Access Time (Max) (tAC)
12 ns
Active Current (Max) (IDDA1)
30 mA
Standby Current (Max) (IDDS1)
80
µA
Power Down Current (Max) (IDDPS)
10
µA
DJ
H
G
F
E
2
1
A
M
L
K
C
B
8
3
4
5
6
7
NC
A11
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
A8
A15
A12
NC
A13
NC
A14
A16
NC
NC
DQ16
VSS
DQ8
A19
CE2
A9
A20
ADV
UB
WAIT
A18
A6
A3
A5
A2
A4
A1
VSS
A0
A10
A17
DQ7
DQ2
DQ14
DQ5
DQ13
VDD
DQ4
DQ10
VDD
DQ11
NC
DQ1
DQ15
DQ6
NC
DQ12
DQ3
DQ9
WE
CLK
LB
A7
OE
CE1
(TOP VIEW)
(BGA-71P-M03)


Similar Part No. - MB82DBS02163C

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB82DBS02163D-70L FUJITSU-MB82DBS02163D-70L Datasheet
736Kb / 57P
   32 M Bit (2 M word횞16 bit) Mobile Phone Application Specific Memory
MB82DBS02163D-70LBGT FUJITSU-MB82DBS02163D-70LBGT Datasheet
736Kb / 57P
   32 M Bit (2 M word횞16 bit) Mobile Phone Application Specific Memory
MB82DBS02163E-70L FUJITSU-MB82DBS02163E-70L Datasheet
57Kb / 1P
   32 Mbit Mobile FCRAM 1.8 V, Burst Mode & Page Mode
More results

Similar Description - MB82DBS02163C

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB82DBS02163D-70L FUJITSU-MB82DBS02163D-70L Datasheet
736Kb / 57P
   32 M Bit (2 M word횞16 bit) Mobile Phone Application Specific Memory
MB82DBS08164C-70L FUJITSU-MB82DBS08164C-70L Datasheet
542Kb / 58P
   128 M Bit (8 M word횞16 bit) Mobile Phone Application Specific Memory
MB82DBS04163C FUJITSU-MB82DBS04163C Datasheet
557Kb / 62P
   MEMORY Mobile FCRAMTM CMOS 64 M Bit (4 M word횞16 bit) Mobile Phone Application Specific Memory
MB82DP02183F FUJITSU-MB82DP02183F Datasheet
193Kb / 32P
   MEMORY Mobile FCRAM CMOS 32 M Bit (2 M word x 16 bit) Mobile Phone Application Specific Memory
MB82DP02183D FUJITSU-MB82DP02183D Datasheet
276Kb / 33P
   32M Bit (2 M word 횞 16 bit) Mobile Phone Application Specific Memory
MB82DP02183C-65L FUJITSU-MB82DP02183C-65L Datasheet
284Kb / 32P
   32M Bit (2 M word 횞 16 bit) Mobile Phone Application Specific Memory
MB82DBS08164D-70L FUJITSU-MB82DBS08164D-70L Datasheet
447Kb / 60P
   128 M Bit (8 M word x 16 bit) Mobile Phone Application Specific Memory
MB82DP04183C FUJITSU-MB82DP04183C Datasheet
289Kb / 33P
   64M Bit (4 M word 횞 16 bit) Mobile Phone Application Specific Memory
MB82DP04184E-65L FUJITSU-MB82DP04184E-65L Datasheet
464Kb / 31P
   64M Bit (4 M word 횞 16 bit) Mobile Phone Application Specific Memory
MB82D01171A FUJITSU-MB82D01171A Datasheet
248Kb / 27P
   16 Mbit (1 M word x 16 bit) Mobile Phone Application Specific Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com