Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB85R1002 Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # MB85R1002
Description  Memory FRAM CMOS 1 M Bit (64 K 횞 16)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB85R1002 Datasheet(HTML) 7 Page - Fujitsu Component Limited.

Back Button MB85R1002_07 Datasheet HTML 3Page - Fujitsu Component Limited. MB85R1002_07 Datasheet HTML 4Page - Fujitsu Component Limited. MB85R1002_07 Datasheet HTML 5Page - Fujitsu Component Limited. MB85R1002_07 Datasheet HTML 6Page - Fujitsu Component Limited. MB85R1002_07 Datasheet HTML 7Page - Fujitsu Component Limited. MB85R1002_07 Datasheet HTML 8Page - Fujitsu Component Limited. MB85R1002_07 Datasheet HTML 9Page - Fujitsu Component Limited. MB85R1002_07 Datasheet HTML 10Page - Fujitsu Component Limited. MB85R1002_07 Datasheet HTML 11Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
MB85R1002
7
■ ELECTRICAL CHARACTERISTICS
1.
DC CHARACTERISTICS
(within recommended operating conditions)
*1 : During the measurement of ICC , the Address, Data In were taken to only change once per active cycle.
Iout : output current
*2 : All pins other than setting pins should be input at the CMOS level voltages such as H
≥ VCC − 0.2 V, L ≤ 0.2 V.
Parameter
Symbol
Test Conditions
Value
Unit
Min
Typ
Max
Input Leakage Current
|ILI|VIN = 0 V to VCC
⎯⎯
10
µA
Output Leakage Current
|ILO|VOUT = 0 V to VCC, CE1 = VIH or OE = VIH
⎯⎯
10
µA
Operating Power Supply
Current
ICC
CE1 = 0.2 V, CE2 = VCC
−0.2 V, Iout = 0 mA*1
10
15
mA
Standby Current
ISB
CE1
≥ VCC−0.2 V
10
50
µA
CE2
≤ 0.2 V*2
OE
≥ VCC−0.2 V, WE ≥ VCC−0.2 V*2
LB
≥ VCC−0.2 V, UB ≥ VCC−0.2 V*2
Output Voltage (high)
VOH
IOH =
−0.1 mA
VCC
× 0.8 ⎯⎯
V
Output Voltage (low)
VOL
IOL = 2.0 mA
⎯⎯
0.4
V


Similar Part No. - MB85R1002_07

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85R1002 FUJITSU-MB85R1002_09 Datasheet
127Kb / 16P
   Memory FRAM CMOS 1 M Bit (64 K 횞 16)
More results

Similar Description - MB85R1002_07

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85R1002 FUJITSU-MB85R1002_09 Datasheet
127Kb / 16P
   Memory FRAM CMOS 1 M Bit (64 K 횞 16)
MB85R1002A FUJITSU-MB85R1002A Datasheet
206Kb / 16P
   Memory FRAM CMOS 1 M Bit (64 K x 16)
MB85R2002 FUJITSU-MB85R2002 Datasheet
302Kb / 12P
   Memory FRAM CMOS 2 M Bit (128 K 횞 16)
MB85R2002 FUJITSU-MB85R2002_09 Datasheet
98Kb / 12P
   Memory FRAM CMOS 2 M Bit (128 K 횞 16)
MB85R1001 FUJITSU-MB85R1001_09 Datasheet
94Kb / 12P
   Memory FRAM CMOS 1 M Bit (128 K 횞 8)
MB85R2001 FUJITSU-MB85R2001_09 Datasheet
113Kb / 16P
   Memory FRAM CMOS 2 M Bit (256 K 횞 8)
MB85R2001 FUJITSU-MB85R2001_08 Datasheet
314Kb / 16P
   Memory FRAM CMOS 2 M Bit (256 K 횞 8)
MB85R2001 FUJITSU-MB85R2001 Datasheet
286Kb / 13P
   Memory FRAM CMOS 2 M Bit (256 K 횞 8)
MB85R1002A_1107 FUJITSU-MB85R1002A_1107 Datasheet
142Kb / 16P
   1 M Bit (64 K 횞 16)
MB85R1002ANC-GE1 FUJITSU-MB85R1002ANC-GE1 Datasheet
142Kb / 16P
   1 M Bit (64 K 횞 16)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com