Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP83121DR Datasheet(PDF) 2 Page - Power Innovations Ltd

Part # TISP83121DR
Description  DUAL-GATE UNIDIRECTIONAL OVERVOLTAGE PROTECTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TISP83121DR Datasheet(HTML) 2 Page - Power Innovations Ltd

  TISP83121DR Datasheet HTML 1Page - Power Innovations Ltd TISP83121DR Datasheet HTML 2Page - Power Innovations Ltd TISP83121DR Datasheet HTML 3Page - Power Innovations Ltd TISP83121DR Datasheet HTML 4Page - Power Innovations Ltd TISP83121DR Datasheet HTML 5Page - Power Innovations Ltd TISP83121DR Datasheet HTML 6Page - Power Innovations Ltd TISP83121DR Datasheet HTML 7Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TISP83121D
DUAL-GATE UNIDIRECTIONAL OVERVOLTAGE PROTECTOR
2
FEBRUARY 1999
P R ODUCT I N FORMA T ION
absolute maximum ratings
RATING
SYMBOL
VALUE
UNIT
Repetitive peak off-state voltage, 0 °C to 70 °C
VDRM
100
V
Non-repetitive peak on-state pulse current (see Notes 1 and 2)
ITSP
A
10/1000 µs (GR-1089-CORE, open-circuit voltage wave shape 10/1000 µs)
150
5/310 µs (CCITT K20/21, open-circuit voltage wave shape 7 kV10/700 µs)
150
8/20 µs (ANSI C62.41, open-circuit voltage wave shape 1.2/50 µs)
500
Non-repetitive peak on-state current, 50 Hz, halfwave rectified sinewave, (see Notes 1 and 2)
100 ms
1 s
900 s
ITSM
22
8
3
A
Junction temperature
TJ
-40 to +150
°C
Storage temperature range
Tstg
-65 to +150
°C
NOTES: 1. Initially the protector must be in thermal equilibrium with 0 °C < TJ < 70 °C. The surge may be repeated after the device returns to
its initial conditions. For operation at the rated current value, pins 1, 4, 5 and 8 must be connected together.
2. Above 70 °C, derate linearly to zero at 150 °C lead temperature.
electrical characteristics, TJ = 25 °C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ID
Off-state current
Vd =70 V, IG =0
1µA
IDRM
Repetitive peak off-state
current
Vd =VDRM = 100 V, IG = 0, 0 °C to 70 °C
10
µA
IH
Holding current
IT = 1 A, di/dt = -1A/ms
TJ = 0 to 70 °C
TJ = 25 °C
TJ = 70 °C
90
60
300
mA
IR
Reverse current
VR =0.3 V
1mA
IG1T
Gate G1 trigger current
IT =+1A, tp(g) = 20 µs
+200
mA
IG2T
Gate G2 trigger current
IT =+1A, tp(g) = 20 µs
-180
mA
VG1T
G1-K trigger voltage
IT =+1A, tp(g) =20 µs
+1.8
V
VG2T
G2-A trigger voltage
IT =+1A, tp(g) =20 µs
-1.8
V
CAK
Anode to cathode off-
state capacitance
f=1 MHz, Vd =1 VRMS, VD =5 V, IG = 0 (see Note 3)
100
pF
NOTE
3: These capacitance measurements employ a three terminal capacitance bridge incorporating a guard circuit. The unmeasured
device terminals are decoupled to the guard terminal of the bridge.
thermal characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RθJA
Junction to free air thermal resistance
TA = 25 °C, EIA/JESD51-3 PCB,
EIA/JESD51-2 environment, IT = ITSM(900)
105
°C/W


Similar Part No. - TISP83121DR

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP83121D BOURNS-TISP83121D Datasheet
387Kb / 5P
   DUAL-GATE UNIDIRECTIONAL OVERVOLTAGE PROTECTOR
TISP83121D BOURNS-TISP83121D_08 Datasheet
387Kb / 5P
   DUAL-GATE UNIDIRECTIONAL OVERVOLTAGE PROTECTOR
More results

Similar Description - TISP83121DR

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP83121D BOURNS-TISP83121D_08 Datasheet
387Kb / 5P
   DUAL-GATE UNIDIRECTIONAL OVERVOLTAGE PROTECTOR
TISP8250 BOURNS-TISP8250 Datasheet
183Kb / 4P
   UNIDIRECTIONAL P-GATE THYRISTOR OVERVOLTAGE AND OVERCURRENT PROTECTOR
TISP8250D BOURNS-TISP8250D_08 Datasheet
257Kb / 4P
   UNIDIRECTIONAL P-GATE THYRISTOR OVERVOLTAGE AND OVERCURRENT PROTECTOR
TISP1120F3D BOURNS-TISP1120F3D Datasheet
183Kb / 5P
   DUAL FORWARD-CONDUCTING UNIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTOR
TISP61089HDM BOURNS-TISP61089HDM Datasheet
218Kb / 7P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTOR PROGRAMMABLE OVERVOLTAGE PROTECTOR
TISP9110LDM BOURNS-TISP9110LDM_07 Datasheet
212Kb / 5P
   Overvoltage Protector
TISP4A250H3BJ BOURNS-TISP4A250H3BJ Datasheet
535Kb / 8P
   Overvoltage Protector
TISP61089HDM BOURNS-TISP61089HDM_07 Datasheet
279Kb / 7P
   Overvoltage Protector
TISP1XXXF3 BOURNS-TISP1XXXF3 Datasheet
752Kb / 13P
   Overvoltage Protector
logo
Power Innovations Ltd
TISP61CAP3 POINN-TISP61CAP3 Datasheet
89Kb / 5P
   PROGRAMMABLE OVERVOLTAGE PROTECTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com