Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM806C Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # FM806C
Description  GLASS PASSIVATED SILICON RECTIFIER VOLTAGE 800 Volts CURRENT 8.0 Amperes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

FM806C Datasheet(HTML) 1 Page - Rectron Semiconductor

  FM806C Datasheet HTML 1Page - Rectron Semiconductor FM806C Datasheet HTML 2Page - Rectron Semiconductor FM806C Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GLASS PASSIVATED SILICON RECTIFIER
VOLTAGE 800 Volts CURRENT 8.0 Amperes
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
FM806C
DO-214AB
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
Dimensions in inches and (millimeters)
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TC=95OC
Peak Forward Surge Current 10 ms single half sine-wave
superimposed on rated load (JEDEC method)
SYMBOL
VRRM
VDC
IFSM
TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
8.0
200
Amps
0
C
Storage Temperature Range
IO
Operating Temperature Range
TJ
-55 to + 150
150
0
C
FM806C
FM806C
800
800
560
2007-2
CHARACTERISTICS
Maximum Average Reverse Current
at Rated DC Blocking Voltage
VF
SYMBOL
IR
uA
Maximum Instantaneous Forward Voltage at 8.0A DC
Volts
5
150
@TA = 25
oC
@TA = 100
oC
1.1
uA
UNITS
0.103 ( 2.62 )
0.079 ( 2.06 )
0.012 ( 0.305 )
0.006 ( 0.152 )
0.008 ( 0.203 )
0.004 ( 0.102 )
0.060 ( 1.52 )
0.030 ( 0.76 )
0.320 ( 8.13 )
0.305 ( 7.75 )
0.280 ( 7.11 )
0.260 ( 6.60 )
0.245 ( 6.22 )
0.220 ( 5.59 )
0.125 (3.17 )
0.115 (2.92 )
NOTE : “Fully ROHS compliant”, “100% Sn plating (Pb-free)”.
FEATURES
* Low leakage
* Low Forward voltage drop
* High current capability
* High surge capability
* High reliability
* Weight: 0.24 gram
* Epoxy: Device has UL flammability classification 94V-O
MECHANICAL DATA
* Case: Molded plastic


Similar Part No. - FM806C

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM806P RECTRON-FM806P Datasheet
300Kb / 8P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
More results

Similar Description - FM806C

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RL801 RECTRON-RL801 Datasheet
25Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER (VOLTAGE RANGE 50 to 800 Volts CURRENT 8.0 Amperes)
RL801S RECTRON-RL801S Datasheet
24Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER (VOLTAGE RANGE 50 to 800 Volts CURRENT 8.0 Amperes)
FR801S RECTRON-FR801S Datasheet
23Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 800 Volts CURRENT 8.0 Amperes)
logo
Pan Jit International I...
GBU8A PANJIT-GBU8A Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE 50 to 800 Volts CURRENT - 8.0 Amperes)
logo
Rectron Semiconductor
FR801 RECTRON-FR801 Datasheet
25Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 800 Volts CURRENT 8.0 Amperes)
logo
Pan Jit International I...
GBJ8A PANJIT-GBJ8A Datasheet
120Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 8.0 Amperes)
logo
Rectron Semiconductor
HER807 RECTRON-HER807 Datasheet
104Kb / 5P
   HIGH EFFICIENCY RECTIFIER VOLTAGE 800 Volts CURRENT 8.0 Amperes
RL801K RECTRON-RL801K Datasheet
189Kb / 3P
   GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 8.0 Amperes
RL1601CS RECTRON-RL1601CS Datasheet
23Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER (VOLTAGE RANGE 50 to 800 Volts CURRENT 16 Amperes)
IRL1601C RECTRON-IRL1601C Datasheet
29Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 800 Volts CURRENT 16 Amperes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com