Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP7400H3SL Datasheet(PDF) 11 Page - Power Innovations Ltd

Part # TISP7400H3SL
Description  TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TISP7400H3SL Datasheet(HTML) 11 Page - Power Innovations Ltd

Back Button TISP7400H3SL Datasheet HTML 6Page - Power Innovations Ltd TISP7400H3SL Datasheet HTML 7Page - Power Innovations Ltd TISP7400H3SL Datasheet HTML 8Page - Power Innovations Ltd TISP7400H3SL Datasheet HTML 9Page - Power Innovations Ltd TISP7400H3SL Datasheet HTML 10Page - Power Innovations Ltd TISP7400H3SL Datasheet HTML 11Page - Power Innovations Ltd TISP7400H3SL Datasheet HTML 12Page - Power Innovations Ltd TISP7400H3SL Datasheet HTML 13Page - Power Innovations Ltd TISP7400H3SL Datasheet HTML 14Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
MARCH 1999 - REVISED MARCH 2000
TISP7070H3SL THRU TISP7095H3SL, TISP7125H3SL THRU TISP7210H3SL
TISP7250H3SL THRU TISP7400H3SL
TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
P R O D UCT
INFORM A T ION
standard (JESD51-3, 1996) defines two test PCBs for surface mount components; one for packages smaller
than 27 mm on a side and the other for packages up to 48 mm. The thermal measurements used the smaller
76.2 mm x 114.3 mm (3.0 “ x 4.5 “) PCB. The JESD51-3 PCBs are designed to have low effective thermal
conductivity (high thermal resistance) and represent a worse case condition. The PCBs used in the majority
of applications will achieve lower values of thermal resistance and so can dissipate higher power levels than
indicated by the JESD51 values.


Similar Part No. - TISP7400H3SL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP7400H3SL BOURNS-TISP7400H3SL Datasheet
395Kb / 13P
   TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP7400H3SL-S BOURNS-TISP7400H3SL-S Datasheet
395Kb / 13P
   TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP7400H3SL

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP7072F3 POINN-TISP7072F3 Datasheet
400Kb / 22P
   TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS???
TISP7125F3 POINN-TISP7125F3 Datasheet
489Kb / 25P
   TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS???
logo
Bourns Electronic Solut...
TISP7XXXH3SL BOURNS-TISP7XXXH3SL Datasheet
395Kb / 13P
   TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP4070L3BJ POINN-TISP4070L3BJ Datasheet
223Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP4070M3BJ POINN-TISP4070M3BJ Datasheet
317Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP4XXXF3LM BOURNS-TISP4XXXF3LM Datasheet
384Kb / 11P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4290T3BJ BOURNS-TISP4290T3BJ_08 Datasheet
232Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3LM BOURNS-TISP4XXXM3LM Datasheet
449Kb / 16P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4500H3BJ BOURNS-TISP4500H3BJ Datasheet
201Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XX0T3BJ BOURNS-TISP4XX0T3BJ Datasheet
159Kb / 9P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com