Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISPPBL1D Datasheet(PDF) 3 Page - Power Innovations Ltd

Part # TISPPBL1D
Description  DUAL FORWARD-CONDUCTING P-GATE THYRISTORS FOR ERICSSON COMPONENTS SLICS?
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TISPPBL1D Datasheet(HTML) 3 Page - Power Innovations Ltd

  TISPPBL1D Datasheet HTML 1Page - Power Innovations Ltd TISPPBL1D Datasheet HTML 2Page - Power Innovations Ltd TISPPBL1D Datasheet HTML 3Page - Power Innovations Ltd TISPPBL1D Datasheet HTML 4Page - Power Innovations Ltd TISPPBL1D Datasheet HTML 5Page - Power Innovations Ltd TISPPBL1D Datasheet HTML 6Page - Power Innovations Ltd TISPPBL1D Datasheet HTML 7Page - Power Innovations Ltd TISPPBL1D Datasheet HTML 8Page - Power Innovations Ltd TISPPBL1D Datasheet HTML 9Page - Power Innovations Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
AUGUST 1997 - REVISED DECEMBER 1999
TISPPBL1D, TISPPBL1P, TISPPBL2D, TISPPBL2P
DUAL FORWARD-CONDUCTING P-GATE THYRISTORS
FOR ERICSSON COMPONENTS SLICS
PROD UCT
I N FORM A T ION
recommended operating conditions
SEE Figure 18
MIN
TYP
MAX
UNIT
C1
Gate decoupling capacitor
100
220
nF
R1a
R1b
Series resistance for GR-1089-CORE first-level and second-level surge survival
Series resistance for GR-1089-CORE first-level surge survival
Series resistance for ITU-T recommendation K20/21
40
25
10
electrical characteristics, -40 °C
≤T
A ≤ 85 °C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ID
Off-state current
VD =VDRM, VGK =0
TJ = -40 °C
-5
µA
TJ = 85 °C
-50
µA
V(BO)
Breakover voltage
IT = -20 A, 0.5/700 generator, Figure 3 test circuit (See Figure 2)
-70
V
t(BR)
Breakdown time
IT = -20 A, 0.5/700 generator, Figure 3 test cir-
cuit (See Figure 2)
V(BR) < -50 V
1
µs
VF
Forward voltage
IF =5 A, tw = 500 µs
3V
VFRM
Peak forward recovery
voltage
IF = 20 A, 0.5/700 generator, Figure 3 test circuit (See Figure 2)
8
V
tFR
Forward recovery time
IF = 20 A, 0.5/700 generator, Figure 3 test
circuit (See Figure 2)
VF > 5 V
VF > 1 V
1
10000
µs
IH
Holding current
IT = -1 A, di/dt = 1A/ms, VGG =-50 V,
TISPPBL1
TISPPBL2
-105
-150
mA
IGAS
Gate reverse current
VGG =VGKRM, VAK =0
TJ = -40 °C
-5
µA
TJ = 85 °C
-50
µA
IGAT
Gate reverse current,
on state
IT =-0.5A, tw = 500 µs, VGG =-50 V, TA =25 °C
-1
mA
IGAF
Gate reverse current,
forward conducting
state
IF =1 A, tw = 500 µs, VGG =-50 V, TA =25 °C
-10
mA
IGT
Gate trigger current
IT =-5 A, tp(g) ≥ 20 µs, VGG =-50 V, TA =25 °C
5
mA
VGT
Gate trigger voltage
IT =-5 A, tp(g) ≥ 20 µs, VGG =-50 V, TA =25 °C
2.5
V
CAK
Anode-cathode off-
state capacitance
f=1 MHz, Vd =1 V, IG =0, TA =25 °C
(see Note 3)
VD = -3 V
110
pF
VD =-50 V
60
pF
NOTE
3: These capacitance measurements employ a three terminal capacitance bridge incorporating a guard circuit. The unmeasured
device terminals are a.c. connected to the guard terminal of the bridge.
thermal characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RθJA
Junction to free air thermal resistance
Ptot =0.8 W, TA =25 °C
5cm2, FR4 PCB
D Package
160
°C/W
P Package
100


Similar Part No. - TISPPBL1D

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISPPBL1D BOURNS-TISPPBL1D Datasheet
249Kb / 18P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS FOR ERICSSON COMPONENTS SLICS
More results

Similar Description - TISPPBL1D

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISPPBL1D BOURNS-TISPPBL1D Datasheet
249Kb / 18P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS FOR ERICSSON COMPONENTS SLICS
TISPPBL3 BOURNS-TISPPBL3 Datasheet
349Kb / 14P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS FOR ERICSSON MICROELECTRONICS SUBSCRIBER LINE INTERFACE CIRCUITS (SLIC)
logo
Power Innovations Ltd
TISP61060D POINN-TISP61060D Datasheet
286Kb / 14P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089A POINN-TISP61089A Datasheet
319Kb / 17P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61511D POINN-TISP61511D Datasheet
210Kb / 11P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089S POINN-TISP61089S Datasheet
284Kb / 16P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP61511D BOURNS-TISP61511D_08 Datasheet
653Kb / 9P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089 BOURNS-TISP61089 Datasheet
182Kb / 12P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61521 BOURNS-TISP61521 Datasheet
253Kb / 11P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP61089 POINN-TISP61089 Datasheet
425Kb / 17P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com