Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHO Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # IRHO
Description  5mm Infrared LED , T-1 3/4
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

IRHO Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  IRHO Datasheet HTML 1Page - Everlight Electronics Co., Ltd IRHO Datasheet HTML 2Page - Everlight Electronics Co., Ltd IRHO Datasheet HTML 3Page - Everlight Electronics Co., Ltd IRHO Datasheet HTML 4Page - Everlight Electronics Co., Ltd IRHO Datasheet HTML 5Page - Everlight Electronics Co., Ltd IRHO Datasheet HTML 6Page - Everlight Electronics Co., Ltd IRHO Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 3
Page: 1 of 7
Device No:DIR-033-087
Prepared date:07-20-2005
Prepared by:Jaine Tsai
Technical Data Sheet
5mm Infrared LED , T-1 3/4
IR333C/H0/L10
Features
․High reliability
․High radiant intensity
․Peak wavelength λp=940nm
․2.54mm Lead spacing
․Low forward voltage
․Pb free
․The product itself will remain within RoHS compliant version.
Descriptions
․EVERLIGHT’S Infrared Emitting Diode(IR333C/H0/L10) is a
high intensity diode , molded in a water clear plastic package.
․The device is spectrally matched with phototransistor , photodiode
and infrared receiver module.
Applications
․Free air transmission system
․Infrared remote control units with high power requirement
․Smoke detector
․Infrared applied system
Device Selection Guide
Chip
LED Part No.
Material
Lens Color
IR
GaAlAs
Water clear


Similar Part No. - IRHO

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
IRH MURATA-PS-IRH Datasheet
3Mb / 30P
   Encapsulated Half-Brick 150-Watt Isolated DC-DC Converter
IRH MURATA-PS-IRH Datasheet
3Mb / 30P
   Encapsulated Half-Brick 150-Watt Isolated DC-DC Converter
2020
logo
Murata Manufacturing Co...
IRH-12-12.5-T110 MURATA1-IRH-12-12.5-T110 Datasheet
2Mb / 30P
   Encapsulated Half-Brick 150-Watt Isolated DC-DC Converter
2020
IRH-12/12.5-T110 MURATA1-IRH-12/12.5-T110 Datasheet
2Mb / 30P
   Encapsulated Half-Brick 150-Watt Isolated DC-DC Converter
2020
logo
Murata Power Solutions ...
IRH-12/12.5-T110 MURATA-PS-IRH-12/12.5-T110 Datasheet
3Mb / 30P
   Encapsulated Half-Brick 150-Watt Isolated DC-DC Converter
2020
More results

Similar Description - IRHO

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
HIR323C-H0 EVERLIGHT-HIR323C-H0 Datasheet
181Kb / 7P
   5mm Infrared LED, T-1 3/4
HIR313C EVERLIGHT-HIR313C Datasheet
188Kb / 7P
   5mm Infrared LED, T-1 3/4
HIR8323-C16 EVERLIGHT-HIR8323-C16 Datasheet
161Kb / 7P
   5mm Infrared LED, T-1 3/4
IR8353-14C EVERLIGHT-IR8353-14C Datasheet
207Kb / 7P
   5mm Infrared LED , T-1 3/4
IR533C EVERLIGHT-IR533C Datasheet
192Kb / 7P
   5mm Infrared LED , T-1 3/4
IR323-H0-A EVERLIGHT-IR323-H0-A Datasheet
202Kb / 7P
   5mm Infrared LED , T-1 3/4
SIR383 EVERLIGHT-SIR383 Datasheet
178Kb / 7P
   5mm Infrared LED, T-1 3/4
SIR333C-H0 EVERLIGHT-SIR333C-H0 Datasheet
189Kb / 7P
   5mm Infrared LED, T-1 3/4
EAILP05RDLA0 EVERLIGHT-EAILP05RDLA0 Datasheet
269Kb / 8P
   5mm Infrared LED,T-1 3/4
EAILP05RDOA0 EVERLIGHT-EAILP05RDOA0 Datasheet
305Kb / 8P
   5mm Infrared LED,T-1 3/4
IR333C-A EVERLIGHT-IR333C-A Datasheet
368Kb / 7P
   5mm Infrared LED, T-1 3/4
Rev. 3 2010/10/23
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com