Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS39300 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS39300
Description  3A Ultra Low Dropout Positive Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS39300 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS39300 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS39300 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS39300 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS39300 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS39300 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS39300 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TS39300
1-6
2005/12 rev. A
TS39300
3A Ultra Low Dropout Positive Voltage Regulator
Low Dropout Voltage 0.4V (typ.)
Output Current 3A
Low Ground Current
General Description
The TS39300 series are 3A ultra low dropout linear voltage regulators that provide low voltage, high current output
with a minimum of external components. The TS39300 offers extremely low dropout (typically 400mV at 3A) and low
ground current (typically 36mA at 3A).
The TS39300 is ideal for PC add-in cards that need to convert from standard 3.3V to 2.5V or 2.5V to 1.8V. A
guaranteed maximum dropout voltage of 500mV over all operating conditions allows the TS39300 to provide 2.5V
from a supply as low as 3V, and 1.8V from a supply as low as 2.5V. The TS39300 also has fast transient response for
heavy switching applications. The device requires only 47uF of output capacitor to maintain stability and achieve fast
transient response.
Features
Dropout voltage typically 0.4V @Io=3A
Output current up to 3A
Low ground current
Current limiting and Thermal shutdown
Extremely fast transient response
Reversed leakage protection
Reverse battery protection
Ordering Information
Note: Where xx denotes voltage option, available are
50 = 5.0V
33 = 3.3V
25 = 2.5V
18 = 1.8V
Part No.
Operating Temp.
Package
TS39300CZxx
TO-220
TS39300CMxx
-40 ~ +125
oC
TO-263
Applications
Battery power equipment
LDO linear regulator for PC add-in cards
PowerPC
TM power supplies
Multimedia and PC processor supplies
High efficiency linear power supplies
High efficiency post regulator for switching supply
Low-voltage microcontrollers and digital logic
SMPS post regulator
Absolute Maximum Rating (Note 1)
Supply Voltage
Vin
-20V ~ +20
V
Enable Voltage
Ven
+20
V
Storage Temperature Range
TSTG
-65 ~ +150
oC
Lead Soldering Temperature (260
oC)
5
S
ESD
(Note 3)
Pin Assignment:
1. Input
2. Ground
3. Output
TO-263


Similar Part No. - TS39300

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS39300 TSC-TS39300 Datasheet
502Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39300CM TSC-TS39300CM Datasheet
502Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39300CM18 TSC-TS39300CM18 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39300CM25 TSC-TS39300CM25 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39300CM33 TSC-TS39300CM33 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
More results

Similar Description - TS39300

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS39301 TSC-TS39301 Datasheet
273Kb / 7P
   3A Ultra Low Dropout Positive Voltage Regulator
TS1085 TSC-TS1085 Datasheet
140Kb / 6P
   3A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL1085-XXXE3 CYSTEKEC-PL1085-XXXE3 Datasheet
170Kb / 4P
   3A Low Dropout Positive Voltage Regulator
PL1085-XXXFP CYSTEKEC-PL1085-XXXFP Datasheet
297Kb / 5P
   3A Low Dropout Positive Voltage Regulator
PL1085-XXXF3 CYSTEKEC-PL1085-XXXF3 Datasheet
167Kb / 4P
   3A Low Dropout Positive Voltage Regulator
logo
Analog Microelectronics
AME1085 AME-AME1085 Datasheet
103Kb / 14P
   3A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1085 TSC-TS1085_13 Datasheet
238Kb / 7P
   3A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1085U HSMC-H1085U Datasheet
57Kb / 5P
   3A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
PL1085-XXXJ3 CYSTEKEC-PL1085-XXXJ3 Datasheet
166Kb / 4P
   3A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1085 TSC-TS1085_09 Datasheet
275Kb / 8P
   3A Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com