Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS39304 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TS39304
Description  3A Ultra Low Dropout Positive Voltage Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS39304 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS39304 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS39304 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS39304 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS39304 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS39304 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS39304 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS39304 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TS39301/2/3/4
4-7
2005/12 rev. A
Pin Assignment
Pin No.
TS39301
TS39302
TS39303
TS39304
Pin
Configuration
Pin Description
1
1
1
2
Enable
TTL/COMS compatible input. Logic high is
enable; logic low or open is shutdown
2
2
2
1
Input
Unregulated input: +16V maximum supply
3
3
3
3
Ground
Ground pin and TAB/heatsink are internally
connected.
4
4
4
5
Output
Regulator output
5
Flag
Open-collector output. Active low indicates
an output fault condition.
5
Adjust
Feedback input. Connect to resistive
voltage-divider network.
5
4
Sense
Sense pin is the input to the error amplifier
Typical Application Circuit
TS39301
TS39302
TS39303 / 4


Similar Part No. - TS39304

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS39304CM TSC-TS39304CM Datasheet
502Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39304CZ TSC-TS39304CZ Datasheet
502Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
More results

Similar Description - TS39304

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS39300 TSC-TS39300 Datasheet
296Kb / 6P
   3A Ultra Low Dropout Positive Voltage Regulator
TS1085 TSC-TS1085 Datasheet
140Kb / 6P
   3A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL1085-XXXE3 CYSTEKEC-PL1085-XXXE3 Datasheet
170Kb / 4P
   3A Low Dropout Positive Voltage Regulator
PL1085-XXXFP CYSTEKEC-PL1085-XXXFP Datasheet
297Kb / 5P
   3A Low Dropout Positive Voltage Regulator
PL1085-XXXF3 CYSTEKEC-PL1085-XXXF3 Datasheet
167Kb / 4P
   3A Low Dropout Positive Voltage Regulator
logo
Analog Microelectronics
AME1085 AME-AME1085 Datasheet
103Kb / 14P
   3A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1085 TSC-TS1085_13 Datasheet
238Kb / 7P
   3A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1085U HSMC-H1085U Datasheet
57Kb / 5P
   3A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
PL1085-XXXJ3 CYSTEKEC-PL1085-XXXJ3 Datasheet
166Kb / 4P
   3A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1085 TSC-TS1085_09 Datasheet
275Kb / 8P
   3A Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com