Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF1D Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # UF1D
Description  1.0 AMP. Glass Passivated High Efficient Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

UF1D Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  UF1D Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd UF1D Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES (UF1A THRU UF1M)
FIG.4- TYPICAL JUNCTION CAPACITANCE
0.1
1
10
100
1
10
100
REVERSE VOLTAGE. (V)
Tj=25 C
f=1.0MHz
Vsig=50mVp-p
0
FIG.3- MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
1
10
100
0
NUMBER OF CYCLES AT 60Hz
5
10
15
20
25
30
TJ=55 C
8.3ms Single Half Sine Wave
JEDEC Method
0
FIG.2- TYPICAL FORWARD CHARACTERISTICS
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.001
FORWARD VOLTAGE. (V)
UF1J-UF1M
UF1J-UF1M
1.8
2.0
5
1
0.1
0.01
Tj=25 C
o
PULSE WIDTH=300 s
1% DUTY CYCLE
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
40
60
80
100
120
160
140
0
0.5
LEAD TEMPERATURE. ( C)
o
1.0
RESISTIVE OR
INDUCTIVE LOAD
0.375"(9.5mm)
LEAD LENGTH
20
10
FIG.5- TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
120
140
0.01
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
TJ=125 C
0
UF1A-UF1G
UF1J-UF1M
TJ=25 C
O
TJ=100 C
O
TJ=125
OC
TJ=100 C
O
0.1
1
10
100
200
Version: A06
FIG.6- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50
W
NONINDUCTIVE
1W
NON
INDUCTIVE
OSCILLOSCOPE
(NOTE 1)
PULSE
GENERATOR
(NOTE 2)
DUT
(+)
50Vdc
(approx)
(-)
NOTES: 1. Rise Time=7ns max. Input Impedance=
1 megohm 22pf
2. Rise Time=10ns max. Sourse Impedance=
50 ohms
(-)
(+)
10
W
NONINDUCTIVE
-1.0A
-0.25A
0
+0.5A
trr
1cm
SET TIME BASE FOR
5/ 10ns/ cm
UF1J-UF1M
UF1A-UF1G


Similar Part No. - UF1D

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF1D PANJIT-UF1D Datasheet
70Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
UF1D CHENG-YI-UF1D Datasheet
125Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER
logo
Shanghai Shunye Electro...
UF1D SHUNYE-UF1D Datasheet
233Kb / 2P
   SURFACE MOUNT ULTRA FAST RE RECTIFIER
logo
Surge Components
UF1D SURGE-UF1D Datasheet
75Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 1.0 Ampere???
logo
Shanghai Shunye Electro...
UF1D SY-UF1D Datasheet
234Kb / 2P
   SURFACE MOUNT ULTRA FAST RE RECTIFIER
More results

Similar Description - UF1D

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HT11G TSC-HT11G_10 Datasheet
563Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
MUR160 TSC-MUR160_10 Datasheet
504Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
UF4001 TSC-UF4001_10 Datasheet
599Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
HER101G TSC-HER101G_10 Datasheet
611Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
HT11G TSC-HT11G Datasheet
64Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
HER101G TSC-HER101G Datasheet
70Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
UF1A TSC-UF1A_13 Datasheet
433Kb / 4P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
HER101SG TSC-HER101SG_10 Datasheet
588Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
logo
Shenzhen Luguang Electr...
HER101SG LUGUANG-HER101SG Datasheet
1Mb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
MUR160A TSC-MUR160A_10 Datasheet
563Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com