Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF4001 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # UF4001
Description  1.0 AMP. Glass Passivated High Efficient Plastic Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

UF4001 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  UF4001 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd UF4001 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
Version: A06
UF4001 - UF4007
1.0 AMP. Glass Passivated
High Efficient Plastic Rectifiers
DO-41 / DO-204AL
Features
Plastic package has Underwriters Laboratory
Flammability Classification 94V0
1.0 ampere operation at TA=55
OC with no thermal
runaway
Glass passivated chip junction
Low cost
Ultrafast recovery time for high efficiency
High efficiency, low VF
Low leakage current
High surge current capability
Mechanical Data
Case: JEDEC DO-204AL molded plastic body over
passivated chip
Terminals: Pure tin plated, lead free, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode
Mounting Position: Any
High temperature soldering guaranteed:
260
oC/10 seconds/.375”,(9.5mm) lead
lengths at 5 lbs., (2.3kg) tension
Weight: 0.012 ounce, 0.3 gram
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
UF
4001
UF
4002
UF
4003
UF
4004
UF
4005
UF
4006
UF
4007 Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Current .375 (9.5mm) Lead Length
@TA = 55
oC
I(AV)
1.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
30
A
Maximum Instantaneous Forward Voltage
@ 1.0A
VF
1.0
1.7
V
Maximum DC Reverse Current @ TA=25
oC
at Rated DC Blocking Voltage @ TA=125
oC
IR
5.0
150
uA
uA
Maximum Reverse Recovery Time ( Note 1 )
Trr
50
75
nS
Typical Junction Capacitance
( Note 2 )
Cj
17
pF
Typical Thermal Resistance (Note 3)
RΘJA
RΘJL
15
60
oC/W
Operating/Storage Temperature Range
TJ, TSTG
-65 to + 150
oC
Notes:
1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C.
3. Thermal Resistance from junction to ambient and from Junction to Lead Length .375”(9.5mm), P.C.B.
Mounted.


Similar Part No. - UF4001

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
UF4001 TSC-UF4001 Datasheet
599Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
logo
Won-Top Electronics
UF4001 WTE-UF4001 Datasheet
49Kb / 3P
   1.0A ULTRAFAST RECOVERY RECTIFIER
logo
DIYI Electronic Technol...
UF4001 DYELEC-UF4001 Datasheet
968Kb / 2P
   1.0 AMP. Ultra Fast Rectifiers
logo
Leshan Radio Company
UF4001 LRC-UF4001 Datasheet
289Kb / 7P
   Ultrafast Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
logo
List of Unclassifed Man...
UF4001 ETC1-UF4001 Datasheet
206Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
More results

Similar Description - UF4001

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
EGP10A TSC-EGP10A Datasheet
73Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Plastic Rectifiers
HT11G TSC-HT11G_10 Datasheet
563Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
MUR160 TSC-MUR160_10 Datasheet
504Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
UF4001 TSC-UF4001_10 Datasheet
599Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
HER101G TSC-HER101G_10 Datasheet
611Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
HT11G TSC-HT11G Datasheet
64Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
HER101G TSC-HER101G Datasheet
70Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
UF1A TSC-UF1A_13 Datasheet
433Kb / 4P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
HER101SG TSC-HER101SG_10 Datasheet
588Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
logo
Shenzhen Luguang Electr...
HER101SG LUGUANG-HER101SG Datasheet
1Mb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com