Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF1B Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # UF1B
Description  1.0 AMP. Glass Passivated Ultrafast Plastic Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

UF1B Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  UF1B Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd UF1B Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 366 -
UF1A THRU UF1M
1.0 AMP. Glass Passivated Ultrafast Plastic Rectifiers
Voltage Range
50 to 1000 Volts
Current
1.0 Ampere
Features
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
Ideally suited for use in very high frequency
switching power supplies, inverters and as free
wheeling diodes
Glass passivated chip junction
Excellent high temperature switching
Ultrafast recovery time for high efficiency
Soft recovery characteristics
High temperature soldering guaranteed:
260
oC/10 seconds/.375”,(9.5mm) lead
lengths at 5 lbs., (2.3kg) tension
Mechanical Data
Case: JEDEC DO-204AL molded plastic body over
passivated chip
Terminals: Plated axial leads, solderable per MIL-
STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.012 ounce, 0.34 gram
DO-204AL (DO-41)
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol UF1A UF1B UF1D UF1G UF1J UF1K UF1M Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800 1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800 1000
V
Maximum Average Forward Rectified
Current .375 (9.5mm) Lead Length
@TA = 55
I(AV)
1.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
30
A
Maximum Instantaneous Forward Voltage
@ 1.0A
VF
1.0
1.7
V
Maximum DC Reverse Current @ TA=25
at Rated DC Blocking Voltage @ TA=100
IR
10.0
50.0
uA
uA
Maximum Reverse Recovery Time ( Note 1 )
Trr
50
75
nS
Typical Junction Capacitance
( Note 2 )
Cj
17.0
pF
Typical Thermal Resistance (Note 3)
R
θJA
R
θJL
60.0
15.0
℃/W
Operating/Storage Temperature Range
TJ, TSTG
-55 to + 150
Notes: 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C.
3. Thermal Resistance from junction to ambient and from Junction to Lead length .375”(9.5mm),
Mounted on 0.2” x0.2” (5mm x 5mm) Cu pads.


Similar Part No. - UF1B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF1B PANJIT-UF1B Datasheet
70Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
UF1B CHENG-YI-UF1B Datasheet
125Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER
logo
Shanghai Shunye Electro...
UF1B SHUNYE-UF1B Datasheet
233Kb / 2P
   SURFACE MOUNT ULTRA FAST RE RECTIFIER
logo
Surge Components
UF1B SURGE-UF1B Datasheet
75Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 1.0 Ampere???
logo
Shanghai Shunye Electro...
UF1B SY-UF1B Datasheet
234Kb / 2P
   SURFACE MOUNT ULTRA FAST RE RECTIFIER
More results

Similar Description - UF1B

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TBYV26C TSC-TBYV26C Datasheet
64Kb / 2P
   1.0 AMP. Glass Passivated Ultrafast Rectifiers
1N4001GP TSC-1N4001GP Datasheet
55Kb / 2P
   1.0 AMP. Glass Passivated Junction Plastic Rectifiers
GP10A TSC-GP10A Datasheet
75Kb / 2P
   1.0 AMP. Glass Passivated Junction Plastic Rectifiers
logo
First Components Intern...
HER101G FCI-HER101G Datasheet
91Kb / 2P
   1.0 Amp Glass Passivated SUPER FAST PLASTIC RECTIFIERS
logo
Taiwan Semiconductor Co...
EGP10A TSC-EGP10A Datasheet
73Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Plastic Rectifiers
logo
First Components Intern...
SMA4001M FCI-SMA4001M Datasheet
107Kb / 2P
   1.0 Amp GLASS PASSIVATED MINIATURE PLASTIC SILICON RECTIFIERS
logo
Taiwan Semiconductor Co...
UF4001 TSC-UF4001 Datasheet
210Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Plastic Rectifiers
1T1G TSC-1T1G Datasheet
54Kb / 2P
   1.0 AMP. Glass Passivated Rectifiers
logo
Formosa MS
1N4001G FORMOSA-1N4001G Datasheet
32Kb / 2P
   1.0 AMP GLASS PASSIVATED RECTIFIERS
logo
Taiwan Semiconductor Co...
1N4001G TSC-1N4001G Datasheet
59Kb / 2P
   1.0 AMP. Glass Passivated Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com