Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8139D Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # RTL8139D
Description  SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER MANAGEMENT
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RTL8139D Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button RTL8139D Datasheet HTML 28Page - List of Unclassifed Manufacturers RTL8139D Datasheet HTML 29Page - List of Unclassifed Manufacturers RTL8139D Datasheet HTML 30Page - List of Unclassifed Manufacturers RTL8139D Datasheet HTML 31Page - List of Unclassifed Manufacturers RTL8139D Datasheet HTML 32Page - List of Unclassifed Manufacturers RTL8139D Datasheet HTML 33Page - List of Unclassifed Manufacturers RTL8139D Datasheet HTML 34Page - List of Unclassifed Manufacturers RTL8139D Datasheet HTML 35Page - List of Unclassifed Manufacturers RTL8139D Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 67 page
background image
RTL8139DL
Datasheet
Single Chip Multifunction 10/100 Ethernet Controller w/Power Management
26
Track ID: JATR-1076-21 Rev. 1.2
5.19. Basic Mode Status Register
(Offset 0064h-0065h, R)
Bit
Name
Description/Usage
Default/Attribute
15
100Base-T4
1 = enable 100Base-T4 support; 0 = suppress 100Base-T4 support.
0, RO
14
100Base_TX_ FD 1 = enable 100Base-TX full duplex support;
0 = suppress 100Base-TX full duplex support.
1, RO
13
100BASE_TX_HD 1 = enable 100Base-TX half-duplex support;
0 = suppress 100Base-TX half-duplex support.
1, RO
12
10Base_T_FD
1 = enable 10Base-T full duplex support;
0 = suppress 10Base-T full duplex support.
1, RO
11
10_Base_T_HD
1 = enable 10Base-T half-duplex support;
0 = suppress 10Base-T half-duplex support.
1, RO
10-6
-
Reserved
-
5
Auto Negotiation
Complete
1 = auto-negotiation process completed;
0 = auto-negotiation process not completed.
0, RO
4
Remote Fault
1 = remote fault condition detected (cleared on read);
0 = no remote fault condition detected.
0, RO
3
Auto Negotiation 1 = Link had not been experienced fail state.
0 = Link had been experienced fail state
1, RD
2
Link Status
1 = valid link established;
0 = no valid link established.
0, RO
1
Jabber Detect
1 = jabber condition detected; 0 = no jabber condition detected.
0, RO
0
Extended
Capability
1 = extended register capability;
0 = basic register capability only.
1, RO
5.20. Auto-negotiation Advertisement Register
(Offset 0066h-0067h, R/W)
This register contains the advertised abilities of this device as they will be transmitted to its link partner
during Auto-negotiation.
Bit
Name
Description/Usage
Default/Attribute
15
NP
Next Page bit.
1 = transmitting the protocol specific data page;
0 = transmitting the primary capability data page
0, RO
14
ACK
1 = acknowledge reception of link partner capability data word.
0, RO
13
RF
1 = advertise remote fault detection capability;
0 = do not advertise remote fault detection capability.
0, RW
12-11
-
Reserved
-
10
Pause
1 = flow control is supported by local node.
0 = flow control is not supported by local mode.
The default value
comes from
EEPROM, RO
9
T4
1 = 100Base-T4 is supported by local node;
0 = 100Base-T4 not supported by local node.
0, RO
8
TXFD
1 = 100Base-TX full duplex is supported by local node;
0 = 100Base-TX full duplex not supported by local node.
1, RW


Similar Part No. - RTL8139D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8139D ETC1-RTL8139D Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8139D REALTEK-RTL8139D Datasheet
683Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER
RTL8139D-GR REALTEK-RTL8139D-GR Datasheet
683Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER
RTL8139D-LF REALTEK-RTL8139D-LF Datasheet
683Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER
RTL8139DL REALTEK-RTL8139DL Datasheet
683Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER
More results

Similar Description - RTL8139D

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8139D REALTEK-RTL8139D Datasheet
683Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER
RTL8100B REALTEK-RTL8100B Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
List of Unclassifed Man...
RTL8100C ETC1-RTL8100C Datasheet
652Kb / 73P
   SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8139C REALTEK-RTL8139C Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
List of Unclassifed Man...
RTL8100B ETC1-RTL8100B Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
DM9101 ETC1-DM9101 Datasheet
264Kb / 43P
   10/100Mbps Ethernet Physical Layer Single Chip Transceiver
RTL8139C ETC-RTL8139C Datasheet
648Kb / 62P
   REALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8101L ETC1-RTL8101L Datasheet
878Kb / 68P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER AND MC97 CONTROLLER WITH POWER MANAGEMENT
RTL8309SB ETC1-RTL8309SB Datasheet
866Kb / 115P
   SINGLE-CHIP 9-PORT 10/100MBPS SWITCH CONTROLLER
logo
Davicom Semiconductor, ...
DM9332 DAVICOM-DM9332 Datasheet
387Kb / 61P
   10/100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com