Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8139D Datasheet(PDF) 58 Page - List of Unclassifed Manufacturers

Part # RTL8139D
Description  SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER MANAGEMENT
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RTL8139D Datasheet(HTML) 58 Page - List of Unclassifed Manufacturers

Back Button RTL8139D Datasheet HTML 54Page - List of Unclassifed Manufacturers RTL8139D Datasheet HTML 55Page - List of Unclassifed Manufacturers RTL8139D Datasheet HTML 56Page - List of Unclassifed Manufacturers RTL8139D Datasheet HTML 57Page - List of Unclassifed Manufacturers RTL8139D Datasheet HTML 58Page - List of Unclassifed Manufacturers RTL8139D Datasheet HTML 59Page - List of Unclassifed Manufacturers RTL8139D Datasheet HTML 60Page - List of Unclassifed Manufacturers RTL8139D Datasheet HTML 61Page - List of Unclassifed Manufacturers RTL8139D Datasheet HTML 62Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 67 page
background image
RTL8139DL
Datasheet
Single Chip Multifunction 10/100 Ethernet Controller w/Power Management
52
Track ID: JATR-1076-21 Rev. 1.2
11. Electrical Characteristics
11.1. Temperature Limit Ratings
Parameter
Minimum
Maximum
Units
Storage temperature
-55
+125
°C
Operating temperature
0
70
°C
11.2. DC Characteristics
11.2.1.
Supply Voltage Vcc = 3.0V min. to 3.6V max.
Symbol
Parameter
Conditions
Minimum
Maximum
Units
VOH
Minimum High Level Output Voltage
IOH= -8mA
0.9 * Vcc
Vcc
V
VOL
Maximum Low Level Output Voltage
IOL= 8mA
0.1 * Vcc
V
VIH
Minimum High Level Input Voltage
0.5 * Vcc
Vcc+0.5
V
VIL
Maximum Low Level Input Voltage
-0.5
0.3 * Vcc
V
IIN
Input Current
VIN=VCC or
GND
-1.0
1.0
uA
IOZ
Tri-State Output Leakage Current
VOUT=VCC or
GND
-10
10
uA
ICC
Average Operating Supply Current
IOUT=0mA,
330
mA
11.2.2.
Supply Voltage Vdd25 = 2.3V min. to 2.7V max.
Symbol
Parameter
Conditions
Minimum
Maximum
Units
VOH
Minimum High Level Output Voltage
IOH= -8mA
0.9 * Vdd25
Vdd25
V
VOL
Maximum Low Level Output Voltage
IOL= 8mA
0.1 * Vdd25
V
VIH
Minimum High Level Input Voltage
0.5 * Vdd25
Vdd25+0.5
V
VIL
Maximum Low Level Input Voltage
-0.5
0.3 * Vdd25
V
IIN
Input Current
VIN=Vdd25 or
GND
-1.0
1.0
uA
IOZ
Tri-State Output Leakage Current
VOUT=Vdd25 or
GND
-10
10
uA
Idd25
Average Operating Supply Current
IOUT=0mA,
40
mA


Similar Part No. - RTL8139D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8139D ETC1-RTL8139D Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8139D REALTEK-RTL8139D Datasheet
683Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER
RTL8139D-GR REALTEK-RTL8139D-GR Datasheet
683Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER
RTL8139D-LF REALTEK-RTL8139D-LF Datasheet
683Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER
RTL8139DL REALTEK-RTL8139DL Datasheet
683Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER
More results

Similar Description - RTL8139D

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8139D REALTEK-RTL8139D Datasheet
683Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER
RTL8100B REALTEK-RTL8100B Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
List of Unclassifed Man...
RTL8100C ETC1-RTL8100C Datasheet
652Kb / 73P
   SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8139C REALTEK-RTL8139C Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
List of Unclassifed Man...
RTL8100B ETC1-RTL8100B Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
DM9101 ETC1-DM9101 Datasheet
264Kb / 43P
   10/100Mbps Ethernet Physical Layer Single Chip Transceiver
RTL8139C ETC-RTL8139C Datasheet
648Kb / 62P
   REALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8101L ETC1-RTL8101L Datasheet
878Kb / 68P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER AND MC97 CONTROLLER WITH POWER MANAGEMENT
RTL8309SB ETC1-RTL8309SB Datasheet
866Kb / 115P
   SINGLE-CHIP 9-PORT 10/100MBPS SWITCH CONTROLLER
logo
Davicom Semiconductor, ...
DM9332 DAVICOM-DM9332 Datasheet
387Kb / 61P
   10/100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com