Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S78DL15 Datasheet(PDF) 3 Page - AUK corp

Part # S78DL15
Description  Low Drop output Voltage Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

S78DL15 Datasheet(HTML) 3 Page - AUK corp

  S78DL15 Datasheet HTML 1Page - AUK corp S78DL15 Datasheet HTML 2Page - AUK corp S78DL15 Datasheet HTML 3Page - AUK corp S78DL15 Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
KSD-I0A011-000
3
S78DL15
Electrical Characteristics Curves
Output Current IO [mA]
50
25
75
0
150
125
100
1.0
0.6
0.8
0.4
0.2
0
VI=2.5V
Fig.1 IO vs. VDROP
Fig.2 VI vs. IQC
Input Voltage VI [V]
8
4
5
2
3
10
6
12
4
1
2
0
0
IO=0mA
IO=50mA
IO=100mA
Fig.3 PD vs Ta
Ambient Temperature Ta [˚C]
100
50
1000
25
600
75
150
800
200
400
0
0
125
100
60
80
40
20
0
200
150
250
100
400
350
300
Output Current IO [mA]
Fig.4 IO vs. VO


Similar Part No. - S78DL15

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
S78DL15 KODENSHI-S78DL15 Datasheet
131Kb / 4P
   Low Drop output Voltage Regulator
More results

Similar Description - S78DL15

ManufacturerPart #DatasheetDescription
logo
AUK corp
S78DL05L AUK-S78DL05L Datasheet
223Kb / 3P
   Low Drop output Voltage Regulator
S5225M AUK-S5225M Datasheet
427Kb / 7P
   Low Drop Output Voltage Regulator
S52XXM AUK-S52XXM Datasheet
365Kb / 6P
   Low Drop Output Voltage Regulator
S78DL05F AUK-S78DL05F_06 Datasheet
219Kb / 3P
   Low Drop output Voltage Regulator
S78DL05L AUK-S78DL05L_07 Datasheet
159Kb / 4P
   Low Drop output Voltage Regulator
S78DL33L AUK-S78DL33L_07 Datasheet
155Kb / 4P
   Low Drop output Voltage Regulator
logo
KODENSHI_AUK CORP.
S78DL33 KODENSHI-S78DL33 Datasheet
99Kb / 4P
   Low Drop output Voltage Regulator
S78DL05 KODENSHI-S78DL05 Datasheet
99Kb / 4P
   Low Drop output Voltage Regulator
logo
AUK corp
S78DL33F AUK-S78DL33F_07 Datasheet
153Kb / 4P
   Low Drop output Voltage Regulator
S78DL33 AUK-S78DL33 Datasheet
218Kb / 3P
   Low Drop output Voltage Regulator
S78DL05 AUK-S78DL05_07 Datasheet
153Kb / 4P
   Low Drop output Voltage Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com