Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90595G Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MB90595G
Description  16-bit Proprietary Microcontroller
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90595G Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MB90595G Datasheet HTML 5Page - Fujitsu Component Limited. MB90595G Datasheet HTML 6Page - Fujitsu Component Limited. MB90595G Datasheet HTML 7Page - Fujitsu Component Limited. MB90595G Datasheet HTML 8Page - Fujitsu Component Limited. MB90595G Datasheet HTML 9Page - Fujitsu Component Limited. MB90595G Datasheet HTML 10Page - Fujitsu Component Limited. MB90595G Datasheet HTML 11Page - Fujitsu Component Limited. MB90595G Datasheet HTML 12Page - Fujitsu Component Limited. MB90595G Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
MB90595/595G Series
9
(Continued)
Pin no.
Pin name
Circuit type
Function
76
P92
D
General purpose IO
INT0
External interrupt input for INT0
78 to 80
P93 to P95
D
General purpose IO
INT1 to INT3
External interrupt input for INT1 to INT3
58, 68
DVCC
Dedicated power supply pins for the high current output buffers
(Pin No. 54 to 72)
53, 63, 73
DVSS
Dedicated ground pins for the high current output buffers
(Pin No. 54 to 72)
34
AVCC
Power supply
Dedicated power supply pin for the A/D Converter
37
AVSS
Power supply
Dedicated ground pin for the A/D Converter
35
AVRH
Power supply
Upper reference voltage input for the A/D Converter
36
AVRL
Power supply
Lower reference voltage input for the A/D Converter
49, 50
MD0
MD1
C
Operating mode selection input pins. These pins should be con-
nected to VCC or VSS.
51
MD2
H
Operating mode selection input pin. This pin should be connected
to VCC or VSS.
27
C
External capacitor pin. A capacitor of 0.1
µF should be
connected to this pin and VSS.
23, 84
VCC
Power supply
Power supply pins (5.0 V).
11, 42, 81
VSS
Power supply
Ground pins (0.0 V).


Similar Part No. - MB90595G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90595G FUJITSU-MB90595G_08 Datasheet
1Mb / 56P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90595G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com