Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90420G Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MB90420G
Description  16-Bit Original Microcontroller
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90420G Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MB90420G_04 Datasheet HTML 5Page - Fujitsu Component Limited. MB90420G_04 Datasheet HTML 6Page - Fujitsu Component Limited. MB90420G_04 Datasheet HTML 7Page - Fujitsu Component Limited. MB90420G_04 Datasheet HTML 8Page - Fujitsu Component Limited. MB90420G_04 Datasheet HTML 9Page - Fujitsu Component Limited. MB90420G_04 Datasheet HTML 10Page - Fujitsu Component Limited. MB90420G_04 Datasheet HTML 11Page - Fujitsu Component Limited. MB90420G_04 Datasheet HTML 12Page - Fujitsu Component Limited. MB90420G_04 Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 84 page
background image
MB90420G/425G Series
9
(Continued)
Pin no.
Symbol
Circuit
type
Description
LQFP
QFP
52 to 55
54 to 57
P70 to P73
H
General purpose input output ports.
PWM1P0
PWM1M0
PWM2P0
PWM2M0
Stepping motor controller ch.0 output pins.
57 to 60
59 to 62
P74 to P77
H
General purpose input output ports.
PWM1P1
PWM1M1
PWM2P1
PWM2M1
Stepping motor controller ch.1 output pins.
62 to 65
64 to 67
P80 to P83
H
General purpose input output ports.
PWM1P2
PWM1M2
PWM2P2
PWM2M2
Stepping motor controller ch.2 output pins.
67 to 70
69 to 72
P84 to P87
H
General purpose input output ports.
PWM1P3
PWM1M3
PWM2P3
PWM2M3
Stepping motor controller ch.3 output pins.
72
74
P54
G
General purpose input output port.
TX0
CAN interface 0 TX output pin.
73
75
P55
G
General purpose output port.
RX0
CAN interface 0 RX input pin.
74
76
P56
G
General purpose input output port.
SGO
Sound generator SG0 output pin.
FRCK
Free-run timer clock input pin.
76
78
P57
G
General purpose input output port.
SGA
Sound generator SGA output pin.
28 to 31
30 to 33
V0 to V3
LCD controller /driver reference power supply pins.
56, 66
58, 68
DVCC
High current output buffer with dedicated power supply input pins
(pin numbers 54-57, 59-62, 64-67, 69-72) .
51, 61, 71 53, 63, 73
DVSS
High current output buffer with dedicated power supply GND pins
(pin numbers 54-57, 59-62, 64-67, 69-72) .
32
34
AVCC
A/D converter dedicated power supply input pin.
35
37
AVSS
A/D converter dedicated GND supply pin.
33
35
AVRH
A/D converter Vref
+ input pin. Vref − AVss.


Similar Part No. - MB90420G_04

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90420G FUJITSU-MB90420G_08 Datasheet
1Mb / 88P
   16-Bit Original Microcontroller
More results

Similar Description - MB90420G_04

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90423G FUJITSU-MB90423G Datasheet
1Mb / 99P
   16-Bit Original Microcontroller
MB90425G FUJITSU-MB90425G Datasheet
1Mb / 88P
   16-Bit Original Microcontroller
MB90420G FUJITSU-MB90420G_08 Datasheet
1Mb / 88P
   16-Bit Original Microcontroller
MB90M405 FUJITSU-MB90M405_05 Datasheet
572Kb / 64P
   16-Bit Original Microcontroller
logo
Toshiba Semiconductor
TMP91FY42FG TOSHIBA-TMP91FY42FG Datasheet
2Mb / 332P
   Original CMOS 16-Bit Microcontroller
TMP92C820FG TOSHIBA-TMP92C820FG Datasheet
2Mb / 382P
   Original CMOS 16-Bit Microcontroller
TMP91C829 TOSHIBA-TMP91C829 Datasheet
1Mb / 204P
   Original CMOS 16-Bit Microcontroller
TMP91CW12A TOSHIBA-TMP91CW12A Datasheet
357Kb / 28P
   Original CMOS 16-Bit Microcontroller
TMP91CY22IFG TOSHIBA-TMP91CY22IFG Datasheet
340Kb / 24P
   Original CMOS 16-Bit Microcontroller
TMP91FY28 TOSHIBA-TMP91FY28 Datasheet
441Kb / 60P
   Original CMOS 16-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com