Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDG8842CZ Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDG8842CZ
Description  Complementary PowerTrench짰 MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDG8842CZ Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDG8842CZ Datasheet HTML 1Page - Fairchild Semiconductor FDG8842CZ Datasheet HTML 2Page - Fairchild Semiconductor FDG8842CZ Datasheet HTML 3Page - Fairchild Semiconductor FDG8842CZ Datasheet HTML 4Page - Fairchild Semiconductor FDG8842CZ Datasheet HTML 5Page - Fairchild Semiconductor FDG8842CZ Datasheet HTML 6Page - Fairchild Semiconductor FDG8842CZ Datasheet HTML 7Page - Fairchild Semiconductor FDG8842CZ Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.fairchildsemi.com
3
©2007 Fairchild Semiconductor Corporation
FDG8842CZ Rev.B
Electrical Characteristics T
J = 25°C unless otherwise noted
Drain-Source Diode Characteristics and Maximum Ratings
Symbol
Parameter
Test Conditions
Type
Min
Typ
Max
Units
IS
Maximum Continuous Drain-Source Diode Forward Current
Q1
Q2
0.3
–0.3
A
VSD
Source to Drain Diode Forward Voltage
VGS = 0V, IS = 0.3A
(Note 2)
VGS = 0V, IS = –0.3A
(Note 2)
Q1
Q2
0.76
–0.84
1.2
–1.2
V
Notes:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins.
RθJC is guaranteed by design while RθJA is determined by the user's board design.
2. Pulse Test: Pulse Width < 300
μs, Duty cycle < 2.0%.
a. 350°C/W when mounted on a
1 in2 pad of 2 oz copper .
b. 415°C/W when mounted on a minimum pad
of 2 oz copper.
Scale 1:1 on letter size paper.


Similar Part No. - FDG8842CZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDG8850NZ FAIRCHILD-FDG8850NZ Datasheet
326Kb / 5P
   Dual N-Channel PowerTrench짰 MOSFET
More results

Similar Description - FDG8842CZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMA1032CZ FAIRCHILD-FDMA1032CZ_08 Datasheet
1Mb / 9P
   20V Complementary PowerTrench짰 MOSFE
logo
ELM Technology Corporat...
ELM34608AA-S ELM-TECH-ELM34608AA-S Datasheet
240Kb / 7P
   Complementary MOSFET
ELM35602KA-S ELM-TECH-ELM35602KA-S Datasheet
235Kb / 7P
   Complementary MOSFET
ELM14614AA-N ELM-TECH-ELM14614AA-N Datasheet
142Kb / 7P
   Complementary MOSFET
ELM24604HA-S ELM-TECH-ELM24604HA-S Datasheet
169Kb / 9P
   Complementary MOSFET
ELM34605AA-S ELM-TECH-ELM34605AA-S Datasheet
474Kb / 7P
   Complementary MOSFET
ELM35600KA-S ELM-TECH-ELM35600KA-S Datasheet
484Kb / 7P
   Complementary MOSFET
ELM34601AA-N ELM-TECH-ELM34601AA-N Datasheet
943Kb / 7P
   Complementary MOSFET
ELM34603AA-N ELM-TECH-ELM34603AA-N Datasheet
993Kb / 7P
   Complementary MOSFET
ELM34605AA-N ELM-TECH-ELM34605AA-N Datasheet
1,011Kb / 7P
   Complementary MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com