Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAM3370 Datasheet(PDF) 1 Page - AUK corp

Part # SAM3370
Description  Dual Color LED Lamp
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SAM3370 Datasheet(HTML) 1 Page - AUK corp

  SAM3370 Datasheet HTML 1Page - AUK corp SAM3370 Datasheet HTML 2Page - AUK corp SAM3370 Datasheet HTML 3Page - AUK corp SAM3370 Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KSD-O2D002-000
1
SAM3370 / SAM3370(B)
Dual Color LED Lamp
Features
• Colorless transparency lens type
• φ3mm(T-1) all plastic mold type
• Radiation color (Y-Green, Amber)
• Low power consumption
Outline Dimensions
unit : mm
1 2
3
1
3
1.00 Min.
27.00 Min.
4.50 Max.
2
2.80~3.20
3.60~4.00
4.00~4.40
1 23
2.00 Typ.
2.54 Typ.
2.80~3.20
4.00~4.40
4.50 Max.
27.00 Min.
0.60 Max.
2.54 Typ.
1.00 Min.
1.00 Min.
1.00 Min.
3.60~4.00
0.60 Max.
0.70 Max.
1.20~1.80
S
Se
em
miic
co
on
nd
du
uc
ctto
or
r
STRAIGHT
TYPE
STOPPER
TYPE : (B)
PIN Connections
1. Anode (Y-Green)
2. Common Cathode
3. Anode (Amber)


Similar Part No. - SAM3370

ManufacturerPart #DatasheetDescription
logo
AUK corp
SAM3370 AUK-SAM3370 Datasheet
56Kb / 3P
   Dual Color LED Lamp
More results

Similar Description - SAM3370

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
BMR-0302 KODENSHI-BMR-0302 Datasheet
316Kb / 2P
   Dual Color LED Lamp
logo
AUK corp
SRM5370 AUK-SRM5370 Datasheet
248Kb / 4P
   Dual Color LED Lamp
SRM5370-A AUK-SRM5370-A Datasheet
244Kb / 4P
   Dual Color LED Lamp
SAM5270 AUK-SAM5270 Datasheet
190Kb / 3P
   Dual Color LED Lamp
SAM3271 AUK-SAM3271 Datasheet
82Kb / 4P
   Dual Color LED Lamp
SAM5370 AUK-SAM5370_1 Datasheet
215Kb / 4P
   Dual Color LED Lamp
SAW5670 AUK-SAW5670 Datasheet
264Kb / 5P
   Dual Color LED Lamp
SAM3272 AUK-SAM3272 Datasheet
81Kb / 3P
   Dual Color LED Lamp
SAM3270 AUK-SAM3270 Datasheet
175Kb / 3P
   Dual Color LED Lamp
SAM5282 AUK-SAM5282 Datasheet
87Kb / 3P
   Dual Color LED Lamp
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com