Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAM5670 Datasheet(PDF) 2 Page - AUK corp

Part # SAM5670
Description  Dual Color LED Lamp
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SAM5670 Datasheet(HTML) 2 Page - AUK corp

  SAM5670 Datasheet HTML 1Page - AUK corp SAM5670 Datasheet HTML 2Page - AUK corp SAM5670 Datasheet HTML 3Page - AUK corp SAM5670 Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KSD-O2U005-000
2
SAM5670
Absolute Maximum Ratings
(Ta=25
oC)
Rating
Characteristic
Symbol
Amber
Y-Green
Unit
Power dissipation
PD
75
75
mW
Forward current
IF
30
30
mA
*1Peak forward current
IFP
50
50
mA
Reverse voltage
VR
4
4
V
Operating temperature range
Topr
-25 85
Storage temperature range
Tstg
-30 100
*2Soldering temperature
Tsol
260
for
10 seconds
*1.Duty ratio = 1/16, Pulse width = 0.1ms
*2.Keep the distance more than 2.0mm from PCB to the bottom of LED package
Electrical / Optical Characteristics
(Ta=25
oC)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Amber
-
2.0
2.5
Forward voltage
VF
Y-Green
IF= 20mA
-
2.1
2.5
V
Amber
6
17
-
Luminous intensity
IV
Y-Green
IF= 20mA
10
27
-
mcd
Amber
-
630
-
Peak wavelength
λP
Y-Green
IF= 20mA
570
nm
Amber
-
35
-
Spectrum bandwidth
λ
Y-Green
IF= 20mA
30
nm
Reverse current
IR
VR=4V
-
-
10
uA
*3Half angle
θ1/2
IF= 20mA
-
±20
-
deg
*3. θ1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity


Similar Part No. - SAM5670

ManufacturerPart #DatasheetDescription
logo
AUK corp
SAM5670 AUK-SAM5670 Datasheet
211Kb / 4P
   SAM5670
logo
KODENSHI_AUK CORP.
SAM5670 KODENSHI-SAM5670 Datasheet
311Kb / 3P
   Diode
More results

Similar Description - SAM5670

ManufacturerPart #DatasheetDescription
logo
AUK corp
SAM3370 AUK-SAM3370_1 Datasheet
158Kb / 4P
   Dual Color LED Lamp
logo
KODENSHI_AUK CORP.
BMR-0302 KODENSHI-BMR-0302 Datasheet
316Kb / 2P
   Dual Color LED Lamp
logo
AUK corp
SRM5370 AUK-SRM5370 Datasheet
248Kb / 4P
   Dual Color LED Lamp
SRM5370-A AUK-SRM5370-A Datasheet
244Kb / 4P
   Dual Color LED Lamp
SAM5270 AUK-SAM5270 Datasheet
190Kb / 3P
   Dual Color LED Lamp
SAM3271 AUK-SAM3271 Datasheet
82Kb / 4P
   Dual Color LED Lamp
SAM5370 AUK-SAM5370_1 Datasheet
215Kb / 4P
   Dual Color LED Lamp
SAW5670 AUK-SAW5670 Datasheet
264Kb / 5P
   Dual Color LED Lamp
SAM3272 AUK-SAM3272 Datasheet
81Kb / 3P
   Dual Color LED Lamp
SAM3270 AUK-SAM3270 Datasheet
175Kb / 3P
   Dual Color LED Lamp
SAM5282 AUK-SAM5282 Datasheet
87Kb / 3P
   Dual Color LED Lamp
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com