Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90F362TESPMT Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # MB90F362TESPMT
Description  16-bit Proprietary Microcontroller
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F362TESPMT Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  MB90F362TESPMT Datasheet HTML 1Page - Fujitsu Component Limited. MB90F362TESPMT Datasheet HTML 2Page - Fujitsu Component Limited. MB90F362TESPMT Datasheet HTML 3Page - Fujitsu Component Limited. MB90F362TESPMT Datasheet HTML 4Page - Fujitsu Component Limited. MB90F362TESPMT Datasheet HTML 5Page - Fujitsu Component Limited. MB90F362TESPMT Datasheet HTML 6Page - Fujitsu Component Limited. MB90F362TESPMT Datasheet HTML 7Page - Fujitsu Component Limited. MB90F362TESPMT Datasheet HTML 8Page - Fujitsu Component Limited. MB90F362TESPMT Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
MB90360E Series
2
■ FEATURES
• Clock
• Built-in PLL clock frequency multiplication circuit
• Selection of machine clocks (PLL clocks) is allowed among frequency division by 2 on oscillation clock and
multiplication of 1 to 6 times of oscillation clock (for 4 MHz oscillation clock, 4 MHz to 24 MHz)
• Operation by sub clock : internal operating clock frequency: up to 50 kHz (for operating with 100 kHz oscillation
clock divided two and devices without S-suffix only) is available
• Minimum execution time of instruction : 42 ns (when operating with 4-MHz oscillation clock and 6-time multiplied
PLL clock)
• Clock supervisor (MB90x367x only)
• Main clock or sub clock is monitored independently
• Internal CR oscillation clock (100 kHz typical) can be used as sub clock
• Instruction system best suited to controller
• 16 Mbytes CPU memory space
• 24-bit internal addressing
• Wide choice of data types (bit, byte, word, and long word)
• Wide choice of addressing modes (23 types)
• Enhanced multiply-divide instructions with sign and RETI instructions
• Enhanced high-precision computing with 32-bit accumulator
• Instruction system compatible with high-level language (C language) and multitask
• Employing system stack pointer
• Enhanced various pointer indirect instructions
• Barrel shift instructions
• Increased processing speed
4-byte instruction queue
• Powerful interrupt function
• Powerful 8-level, 34-condition interrupt feature
• Up to 8 channels external interrupts are supported
• Automatic data transfer function independent of CPU
Expanded intelligent I/O service function (EI2OS) : up to 16 channels
• Low power consumption (standby) mode
• Sleep mode (a mode that halts CPU operating clock)
• Main timer mode (timebase timer mode that is transferred from main clock mode)
• PLL timer mode (timebase timer mode that is transferred from PLL clock mode)
• Watch mode (a mode that operates sub clock and watch timer only, devices without S-suffix)
• Stop mode (a mode that stops oscillation clock and sub clock)
• CPU blocking operation mode
• Process
CMOS technology
• I/O port
General purpose input/output port (CMOS output) :
- 34 ports (devices without S-suffix)
- 36 ports (devices with S-suffix)
• Sub clock pin (X0A and X1A)
• Provided (used for external oscillation), devices without S-suffix
• Not provided (used with internal CR oscillation in sub clock mode) , devices with S-suffix
(Continued)


Similar Part No. - MB90F362TESPMT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F362TESPMT FUJITSU-MB90F362TESPMT Datasheet
1Mb / 64P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90F362TESPMT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com