Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDB30A40 Datasheet(PDF) 2 Page - AUK corp

Part # SDB30A40
Description  Schottky barrier diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SDB30A40 Datasheet(HTML) 2 Page - AUK corp

  SDB30A40_1 Datasheet HTML 1Page - AUK corp SDB30A40_1 Datasheet HTML 2Page - AUK corp SDB30A40_1 Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KSD-D6A001-000
2
SDB30A40
Absolute Maximum Ratings
Ta=25
°C
Characteristic
Symbol
Rating
Unit
Reverse voltage
VR
40
V
Forward current
IF
3
A
Peak forward current
IFSM
70
A
Junction temperature
TJ
150
°C
Storage temperature range
Tstg
-55 ~ 150
°C
: Non-repetitive one cycle surge current (60Hz)
Electrical Characteristics
Ta=25
°C
Characteristic
Symbol
Test Condition
Min. Typ. Max.
Unit
Forward voltage
VF
IF=3A
-
0.5
0.55
V
Reverse current
IR
VR=40V
-
-
0.5
mA
Thermal Resistance
Rth(j-a)
When mounted on a glass epoxy board
-
-
76
℃/W
Total capacitance
CT
VR= 10V, f=1MHz
-
110
-
pF


Similar Part No. - SDB30A40_1

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SDB30A40-1 KODENSHI-SDB30A40-1 Datasheet
238Kb / 5P
   Schottky Barrier Rectifier
More results

Similar Description - SDB30A40_1

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com