Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90F342ESPF Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # MB90F342ESPF
Description  16-bit Microcontroller
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F342ESPF Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button MB90F342ESPF Datasheet HTML 7Page - Fujitsu Component Limited. MB90F342ESPF Datasheet HTML 8Page - Fujitsu Component Limited. MB90F342ESPF Datasheet HTML 9Page - Fujitsu Component Limited. MB90F342ESPF Datasheet HTML 10Page - Fujitsu Component Limited. MB90F342ESPF Datasheet HTML 11Page - Fujitsu Component Limited. MB90F342ESPF Datasheet HTML 12Page - Fujitsu Component Limited. MB90F342ESPF Datasheet HTML 13Page - Fujitsu Component Limited. MB90F342ESPF Datasheet HTML 14Page - Fujitsu Component Limited. MB90F342ESPF Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 84 page
background image
MB90340E Series
11
■ PIN DESCRIPTION
(Continued)
Pin No.
Pin name
I/O
Circuit
type*3
Function
QFP100*1 LQFP100*2
1 to 4
99 to 2
P24 to P27
G
General purpose I/O pins. The register can be set to select
whether to use a pull-up resistor.In external bus mode, the pin is
enabled as a general-purpose I/O port when the corresponding bit
in the external address output control register (HACR) is 1.
A20 to A23
Output pins of the external address bus. When the corresponding
bit in the external address output control register (HACR) is 0, the
pins are enabled as high address output pins (A20 to A23).
IN0 to IN3
Trigger input pins for input captures.
53
P30
G
General purpose I/O pin.The register can be set to select whether
to use a pull-up resistor.
This function is enabled in single-chip mode.
ALE
Address latch enable output pin. This function is enabled when
the external bus is enabled.
IN4
Trigger input pin for input capture.
64
P31
G
General purpose I/O pin.The register can be set to select whether
to use a pull-up resistor.
This function is enabled in single-chip mode.
RD
External read strobe output pin. This function is enabled when the
external bus is enabled.
IN5
Trigger input pin for input capture.
75
P32
G
General purpose I/O pin. The register can be set to select whether
to use a pull-up resistor. This function is enabled either in single-
chip mode or when the WR/WRL pin output is disabled.
WR / WRL
Write strobe output pin for the external data bus. This function is
enabled when both the external bus and the WR/WRL pin output
are enabled. WRL is used to write-strobe 8 lower bits of the data
bus in 16-bit access while WR is used to write-strobe 8 bits of the
data bus in 8-bit access.
INT10R
External interrupt request input pin.
86
P33
G
General purpose I/O pin. The register can be set to select whether
to use a pull-up resistor.This function is enabled either in single-
chip mode or when the WRH pin output is disabled.
WRH
Write strobe output pin for the upper 8 bits of the external data
bus. This function is enabled when the external bus is enabled,
when the external bus 16-bit mode is selected, and when the
WRH output pin is enabled.


Similar Part No. - MB90F342ESPF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F342ESPF FUJITSU-MB90F342ESPF Datasheet
1Mb / 85P
   16-bit Proprietary Microcontroller CMOS
MB90F342ESPF FUJITSU-MB90F342ESPF Datasheet
568Kb / 92P
   16-bit Microcontroller
MB90F342ESPFV FUJITSU-MB90F342ESPFV Datasheet
1Mb / 85P
   16-bit Proprietary Microcontroller CMOS
More results

Similar Description - MB90F342ESPF

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com