Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIR19-21C Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # HIR19-21C
Description  Technical Data Sheet 0.8mm Height Flat Top Infrared LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

HIR19-21C Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  HIR19-21C Datasheet HTML 1Page - Everlight Electronics Co., Ltd HIR19-21C Datasheet HTML 2Page - Everlight Electronics Co., Ltd HIR19-21C Datasheet HTML 3Page - Everlight Electronics Co., Ltd HIR19-21C Datasheet HTML 4Page - Everlight Electronics Co., Ltd HIR19-21C Datasheet HTML 5Page - Everlight Electronics Co., Ltd HIR19-21C Datasheet HTML 6Page - Everlight Electronics Co., Ltd HIR19-21C Datasheet HTML 7Page - Everlight Electronics Co., Ltd HIR19-21C Datasheet HTML 8Page - Everlight Electronics Co., Ltd HIR19-21C Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 2
Page: 1 of 9
Device No:DIH-192-027
Prepared date:07-20-2005
Prepared by:Jaine Tsai
Technical Data Sheet
0.8mm Height Flat Top Infrared LED
HIR19-21C/L11
Features
․High reliability
․Small double-end package
․Peak wavelength λp=850nm
․Low forward voltage
․Pb free
․The product itself will remain within RoHS compliant version.
Descriptions
․HIR19-21C/L11 is an infrared emitting diode in
miniature SMD package which is molded in a
water clear plastic with flat top view lens.
․The device is spectrally matched with silicon
photodiode and phototransistor.
Applications
․PCB mounted infrared sensor
․Infrared remote control units with high power requirement
․Smoke detector
․Infrared applied system
Device Selection Guide
Chip
LED Part No.
Material
Lens Color
HIR
GaAlAs
Water clear


Similar Part No. - HIR19-21C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
HIR19-21C-L11-TR8 EVERLIGHT-HIR19-21C-L11-TR8 Datasheet
237Kb / 10P
   0.8mm Height Flat Top Infrared LED
HIR19-21C-L11-TR8 EVERLIGHT-HIR19-21C-L11-TR8_15 Datasheet
174Kb / 9P
   0.8mm Height Flat Top Infrared LED
HIR19-21C/L11/TR8 EVERLIGHT-HIR19-21C/L11/TR8 Datasheet
232Kb / 10P
   0.8mm Height Flat Top Infrared LED
HIR19-21C EVERLIGHT-HIR19-21C_05 Datasheet
232Kb / 10P
   0.8mm Height Flat Top Infrared LED
More results

Similar Description - HIR19-21C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
HIR19-21C-L11-TR8 EVERLIGHT-HIR19-21C-L11-TR8_15 Datasheet
174Kb / 9P
   0.8mm Height Flat Top Infrared LED
IR19-21C-TR8 EVERLIGHT-IR19-21C-TR8 Datasheet
235Kb / 10P
   0.8mm Height Flat Top Infrared LED
EAIST1608A3 EVERLIGHT-EAIST1608A3 Datasheet
638Kb / 9P
   0.8mm Height Flat Top Infrared LED
HIR19-21C EVERLIGHT-HIR19-21C_05 Datasheet
232Kb / 10P
   0.8mm Height Flat Top Infrared LED
SIR19-21C-TR8 EVERLIGHT-SIR19-21C-TR8 Datasheet
235Kb / 9P
   0.8mm Height Flat Top Infrared LED
SIR19-21C EVERLIGHT-SIR19-21C Datasheet
230Kb / 10P
   0.8mm Height Flat Top Infrared LED
SIR19-21C-TR8 EVERLIGHT-SIR19-21C-TR8 Datasheet
230Kb / 9P
   0.8mm Height Flat Top Infrared LED
EAIST1608A0 EVERLIGHT-EAIST1608A0 Datasheet
405Kb / 9P
   0.8mm Height Flat Top Infrared LED
EAIST1608A1 EVERLIGHT-EAIST1608A1 Datasheet
482Kb / 9P
   0.8mm Height Flat Top Infrared LED
HIR19-21C-L11-TR8 EVERLIGHT-HIR19-21C-L11-TR8 Datasheet
237Kb / 10P
   0.8mm Height Flat Top Infrared LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com