Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3971AUGP Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3971AUGP
Description  PLASTIC ENCAPSULATED DEVICES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3971AUGP Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3971AUGP Datasheet HTML 1Page - Maxim Integrated Products MAX3971AUGP Datasheet HTML 2Page - Maxim Integrated Products MAX3971AUGP Datasheet HTML 3Page - Maxim Integrated Products MAX3971AUGP Datasheet HTML 4Page - Maxim Integrated Products MAX3971AUGP Datasheet HTML 5Page - Maxim Integrated Products MAX3971AUGP Datasheet HTML 6Page - Maxim Integrated Products MAX3971AUGP Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Conclusion
The MAX3971A successfully meets the quality and reliability standards required of all Maxim products. In addition,
Maxim’s continuous reliability monitoring program ensures that all outgoing product will continue to meet Maxim’s quality and
reliability standards.
Table of Contents
I. ........Device Description
V. ........Quality Assurance Information
II. ........Manufacturing Information
VI. .......Reliability Evaluation
III. .......Packaging Information
IV. .......Die Information
......Attachments
I. Device Description
A. General
The MAX3971A is a compact, low-power, 10.3Gbps limiting amplifier. It accepts signals over a wide range of input
voltage levels and provides constant-level output voltages with controlled edge speeds. It functions as a data quantizer.
The output of the amplifier is a 250mVp-p differential CML signal with a 100
differential termination.
The MAX3971A is designed to work with the MAX3970, a 10.3Gbps transimpedance amplifier (TIA). The limiting
amplifier operates on a single +3.3V supply and consumes only 155mW. The part functions over a 0°C to +85°C
temperature range. It also has a disable function that allows the outputs to be squelched if required by the application.
The MAX3971A is offered in either die form or in a compact 4mm x 4mm, 20-pin QFN plastic package.
B. Absolute Maximum Ratings
Item
Rating
Supply Voltage, VCC1, VCC2, VCC3
-0.5V to +5.0 V
Voltage at IN+, IN-, DISABLE, CZ+, CZ-, OUT+, OUT-
+0.5V to (VCC + 0.5V)
Differential Voltage Between CZ+ and CZ-
±1V
Differential Voltage Between IN+ and IN-
±2.5V
Operating Ambient Temperature Range
-40°C to +85°C
Storage Temperature Range
-55°C to +150°C
Die Attach Temperature
+400°C
Lead Temperature (soldering, 10s)
+300°C
Continuous Power Dissipation (TA = 85
°C)
20-Pin QFN
1.3W
Derates above +85
°C
20-Pin QFN
20mW/
°C


Similar Part No. - MAX3971AUGP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3971AUGP MAXIM-MAX3971AUGP Datasheet
1Mb / 10P
   3.3V, 10.7Gbps Limiting Amplifier
Rev 0; 4/02
MAX3971AUGP MAXIM-MAX3971AUGP Datasheet
454Kb / 9P
   3.3V, 10.7Gbps Limiting Amplifier
19-2391; Rev 2; 2/07
More results

Similar Description - MAX3971AUGP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
LMX321AXK MAXIM-LMX321AXK Datasheet
91Kb / 5P
   PLASTIC ENCAPSULATED DEVICES
Rev. A May 26, 2002
MAX1818EUAT MAXIM-MAX1818EUAT Datasheet
96Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A November 12, 2002
MAX4007EUT MAXIM-MAX4007EUT Datasheet
92Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A April 28, 2003
MAX6713ZEXS MAXIM-MAX6713ZEXS Datasheet
58Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A December 17, 2001
MAX9018AEKA MAXIM-MAX9018AEKA Datasheet
94Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A September 22, 2003
MAX1546ETL MAXIM-MAX1546ETL Datasheet
123Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A May 8, 2003
MAX1951ESA MAXIM-MAX1951ESA Datasheet
92Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A May 14, 2003
MAX8546EUB MAXIM-MAX8546EUB Datasheet
94Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A August 9, 2003
MAX6101EUR MAXIM-MAX6101EUR Datasheet
92Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A February 14, 2003
MAX6900ETT MAXIM-MAX6900ETT Datasheet
47Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A May 13, 2003
MAX3801UGG MAXIM-MAX3801UGG Datasheet
68Kb / 7P
   PLASTIC ENCAPSULATED DEVICES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com