Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPB854A1 Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OPB854A1
Description  Slotted Optical Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB854A1 Datasheet(HTML) 1 Page - OPTEK Technologies

  OPB854A1 Datasheet HTML 1Page - OPTEK Technologies OPB854A1 Datasheet HTML 2Page - OPTEK Technologies OPB854A1 Datasheet HTML 3Page - OPTEK Technologies OPB854A1 Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A .1
12/06
Page 1 of 4
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Slotted Optical Switch
OPB854A1, OPB854A2, OPB854A3
OPB854B1, OPB854B2, OPB854B3
Features:
Opaque housing material for ambient light rejection
Non-contact switching
Printed circuit board mounting, lead spacing 0.300” (7.62 mm)
Slot width 0.100” (2.54 mm)
Choice of three mounting configurations
Description:
Each OPB854 series contains an Infrared Light Emitting Diode (LED) and an NPN silicon phototransistor mounted
on opposite sides of a 0.100” (2.54 mm) wide slot in an opaque plastic housing. The OPB854 series has an
equivalent aperture of 0.60” (1.52 mm) in diameter because of the lens on the emitting an sensing devices.
The difference between the OPB854A aeries and OPB854B series are electrical characteristics.
Switching of the phototransistor occurs whenever an opaque object passes through the slot.
Custom electrical, wire and cabling and connectors are available. Contact your local representative or OPTEK for
more information.
Product Photo Here
Applications:
Non-contact interruptive object sensing
Assembly line automation
Machine automation
Equipment security
Machine safety
RoHS
OPB854_1
OPB854_2
OPB854_3
Ordering Information
Part Number
LED Peak
Wavelength
Sensor
Slot Width /
Depth
Aperture
Emitter/Sensor
Lead Length /
Spacing
OPB854A1
890 nm
Transistor 0.100" / 0.250”
None
OPB854B1
OPB854A2
OPB854B2
OPB854A3
OPB854B3
0.400" / 0.300"


Similar Part No. - OPB854A1

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB854A1 OPTEK-OPB854A1 Datasheet
237Kb / 2P
   Slotted Optical Switches
logo
TT Electronics.
OPB854A1 TTELEC-OPB854A1 Datasheet
711Kb / 4P
   Slotted Optical Switch
OPB854A1-3 TTELEC-OPB854A1-3 Datasheet
711Kb / 4P
   Slotted Optical Switch
More results

Similar Description - OPB854A1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H22A1 FAIRCHILD-H22A1 Datasheet
320Kb / 5P
   SLOTTED OPTICAL SWITCH
QVA FAIRCHILD-QVA Datasheet
201Kb / 4P
   SLOTTED OPTICAL SWITCH
logo
QT Optoelectronics
H21A1 QT-H21A1 Datasheet
307Kb / 4P
   SLOTTED OPTICAL SWITCH
QVA11123 QT-QVA11123 Datasheet
179Kb / 3P
   slotted optical switch
logo
TT Electronics.
OPB917 TTELEC-OPB917 Datasheet
828Kb / 5P
   Slotted Optical Switch
OPB960 TTELEC-OPB960 Datasheet
1Mb / 6P
   Slotted Optical Switch
logo
OPTEK Technologies
OPB806 OPTEK-OPB806_05 Datasheet
284Kb / 3P
   Slotted Optical Switch
OPB202 OPTEK-OPB202 Datasheet
234Kb / 5P
   Slotted Optical Switch
logo
TT Electronics.
OPB827 TTELEC-OPB827 Datasheet
608Kb / 6P
   Slotted Optical Switch
OPB806 TTELEC-OPB806 Datasheet
650Kb / 4P
   Slotted Optical Switch
OPB818 TTELEC-OPB818 Datasheet
540Kb / 3P
   Slotted Optical Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com