Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDS152KF Datasheet(PDF) 2 Page - AUK corp

Part # SDS152KF
Description  Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SDS152KF Datasheet(HTML) 2 Page - AUK corp

  SDS152KF_1 Datasheet HTML 1Page - AUK corp SDS152KF_1 Datasheet HTML 2Page - AUK corp SDS152KF_1 Datasheet HTML 3Page - AUK corp SDS152KF_1 Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KSD-3007-002
2
SDS152KF
Absolute maximum ratings
Ta=25
°C
Characteristic
Symbol
Rating
Unit
Peak reverse voltage
VRM
85
V
Reverse voltage
VR
80
V
Peak forward current
IFM
300
Average forward current
IO
100
Peak forward surge current(10ms)
IFSM
2
A
Power dissipation
PD
150
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
-55 ~ 150
°C
Electrical Characteristics
Ta=25
°C
Characteristic
Symbol
Test Condition
Min. Typ. Max.
Unit
VF(1)
IF=1
-
0.6
-
VF(2)
IF=10
-
0.7
-
Forward voltage
VF(3)
IF=100
-
0.9
1.2
V
Reverse current
IR
VR=80V
-
-
0.5
Total capacitance
CT
VR=0, f=1
-
2.2
4.0
Reverse recovery time
trr
IF=10
(Fig. 5)
-
1.6
4.0


Similar Part No. - SDS152KF_1

ManufacturerPart #DatasheetDescription
logo
AUK corp
SDS152KF AUK-SDS152KF Datasheet
104Kb / 3P
   Switching Diode
logo
KODENSHI_AUK CORP.
SDS152KF KODENSHI-SDS152KF Datasheet
259Kb / 5P
   Small Signal Fast Switching Diode
More results

Similar Description - SDS152KF_1

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com