Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC317TF Datasheet(PDF) 2 Page - ADDtek Corp

Part # AMC317TF
Description  1.2A / 3-TERMINAL ADJUSTABLE REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC317TF Datasheet(HTML) 2 Page - ADDtek Corp

  AMC317TF Datasheet HTML 1Page - ADDtek Corp AMC317TF Datasheet HTML 2Page - ADDtek Corp AMC317TF Datasheet HTML 3Page - ADDtek Corp AMC317TF Datasheet HTML 4Page - ADDtek Corp AMC317TF Datasheet HTML 5Page - ADDtek Corp AMC317TF Datasheet HTML 6Page - ADDtek Corp AMC317TF Datasheet HTML 7Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AMC317
Copyright
© 2006 ADDtek Corp.
2
DD011_G
--
MARCH 2007
TYPICAL APPLICATION
Note 1: CIN is required if the regulator is far from the filter capacitor.
Note 2: COUT is recommended to improve the transient response.
R2
Note 3: VOUT = 1.25V
( 1 +
R1
) + I
ADJ (R2)
ABSOLUTE MAXIMUM RATINGS
(Note 1)
Input-Output Differential Voltage VD
……………..…………………………………………………………..20V
Operating Junction temperature
Plastic (T, ST Package) …………………………………………………………………………………… 150°C
Storage Temperature Range ………………………………………………………………………. -65°C to 150°C
Lead temperature (Soldering, 10 seconds) ………………………………………………………………….. 300°C
Note 1:
Exceeding these ratings could cause damage to the device.
All voltages are with respect to Ground.
Currents are positive into,
negative out of the specified terminal.
THERMAL DATA
T, ST PACKAGE:
Thermal Resistance-Junction to Tab,
θ
JT
3.0°C /W
Thermal Resistance-Junction to Ambient,
θ
JA
45°C /W
Junction Temperature Calculation:
TJ = TA + (PD × θJA).
The
θ
JA numbers are guidelines for the thermal performance of the device/pc-board system.
All of the above assume no ambient airflow.
Maximum Power Calculation:
TJ(MAX) – TA(MAX)
PD(MAX)=
θ
JA
TJ(
OC): Maximum recommended junction temperature
TA(
OC): Ambient temperature of the application
θ
JA(
OC/W): Junction-to-junction temperature thermal resistance of the package, and other heat dissipating materials.
The maximum power dissipation for a single-output regulator is :
PD(MAX) = [(VIN(MAX) - VOUT(NOM))] × IOUT(NOM) + VIN(MAX) × IQ
Where:
VOUT(NOM) = the nominal output voltage
IOUT(NOM) = the nominal output current, and
IQ = the quiescent current the regulator consumes at IOUT(MAX)
VIN(MAX) = the maximum input voltage
Then
θ
JA = (150
OC – T
A)/PD
AMC317
VOUT
COUT
1
µF
CIN
0.1
µF
VIN
R1
240
R2
5K
ADJ


Similar Part No. - AMC317TF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC317T ETC-AMC317T Datasheet
189Kb / 6P
   1.5A / 3- TERMINAL ADJUSTABLE REGULATOR
More results

Similar Description - AMC317TF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
[Old version datasheet]   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
   3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com