Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC1112SJ Datasheet(PDF) 7 Page - ADDtek Corp

Part # AMC1112SJ
Description  1A LOW DROPOUT POSITIVE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC1112SJ Datasheet(HTML) 7 Page - ADDtek Corp

  AMC1112SJ Datasheet HTML 1Page - ADDtek Corp AMC1112SJ Datasheet HTML 2Page - ADDtek Corp AMC1112SJ Datasheet HTML 3Page - ADDtek Corp AMC1112SJ Datasheet HTML 4Page - ADDtek Corp AMC1112SJ Datasheet HTML 5Page - ADDtek Corp AMC1112SJ Datasheet HTML 6Page - ADDtek Corp AMC1112SJ Datasheet HTML 7Page - ADDtek Corp AMC1112SJ Datasheet HTML 8Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AMC1112
Copyright
© 2007 ADDtek Corp
7
DD003_B -- MAY 2007
PACKAGE
3-Pin Surface Mount SOT-223 ( SK )
MILLIMETERS
MIN
TYP
MAX
A
1.50
1.65
1.80
A1
0.02
0.05
0.08
B
0.60
0.70
0.80
B1
2.90
-
3.15
c
0.28
0.30
0.32
D
6.30
6.50
6.70
E
3.30
3.50
3.70
e
2.3 BSC
e1
4.6 BSC
H
6.70
7.00
7.30
L
0.91
1.00
1.10
K
1.50
1.75
2.00
α
0
°
5
°
10
°
β
3
°
3-Pin Surface Mount TO-252 (SJ)
INCHES
MILLIMETERS
MIN
TYP
MAX
MIN
TYP
MAX
A
0.086
-
0.094
2.18
-
2.39
A1 0.040
-
0.050
1.02
-
1.27
b
-
0.024
-
-
0.61
-
b2 0.205
-
0.215
5.21
-
5.46
c
0.018
-
0.023
0.46
-
0.58
c1 0.018
-
0.023
0.46
-
0.58
D
0.210
-
0.220
5.33
-
5.59
E
0.250
-
0.265
6.35
-
6.73
e
0.090 BSC
2.29 BSC
e1
0.180 BSC
4.58 BSC
H
0.370
-
0.410
9.40
-
10.41
L
0.020
-
-
0.51
-
-
L1 0.025
-
0.040
0.64
-
1.02
L2 0.060
-
0.080
1.52
-
2.03
b2
E
L2
D
b
e
e1
L1
SEATING PLAN
H
L
c
c1
A1
A
D
B1
e1
B
K
E
H
e
A
L
c
A1


Similar Part No. - AMC1112SJ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC1117 ETC-AMC1117 Datasheet
240Kb / 9P
   1A Low Dropout Positive Regulator
logo
ADDtek Corp
AMC1117 ADDTEK-AMC1117 Datasheet
192Kb / 9P
   1A LOW DROPOUT POSITIVE REGULATOR
JULY 2006
AMC1117-1.5 ADDTEK-AMC1117-1.5 Datasheet
192Kb / 9P
   1A LOW DROPOUT POSITIVE REGULATOR
JULY 2006
AMC1117-1.8 ADDTEK-AMC1117-1.8 Datasheet
192Kb / 9P
   1A LOW DROPOUT POSITIVE REGULATOR
JULY 2006
AMC1117-2.5 ADDTEK-AMC1117-2.5 Datasheet
192Kb / 9P
   1A LOW DROPOUT POSITIVE REGULATOR
JULY 2006
More results

Similar Description - AMC1112SJ

ManufacturerPart #DatasheetDescription
logo
ADDtek Corp
AMC1117 ADDTEK-AMC1117 Datasheet
192Kb / 9P
   1A LOW DROPOUT POSITIVE REGULATOR
JULY 2006
logo
IK Semicon Co., Ltd
IL78RXX IKSEMICON-IL78RXX Datasheet
309Kb / 17P
   1A LOW DROPOUT POSITIVE REGULATOR
logo
Diodes Incorporated
AP1122 DIODES-AP1122_10 Datasheet
206Kb / 11P
   1A LOW DROPOUT POSITIVE REGULATOR
DS31012 Rev. 9 - 2
logo
GTM CORPORATION
GE1117A50 GTM-GE1117A50 Datasheet
235Kb / 4P
   1A LOW DROPOUT POSITIVE REGULATOR
GE1147-50 GTM-GE1147-50 Datasheet
234Kb / 4P
   1A LOW DROPOUT POSITIVE REGULATOR
logo
Diodes Incorporated
AP1122 DIODES-AP1122 Datasheet
192Kb / 9P
   1A LOW DROPOUT POSITIVE REGULATOR
AP1122 Rev. 2
logo
Anachip Corp
AP1122 ANACHIP-AP1122 Datasheet
191Kb / 10P
   1A Low Dropout Positive Regulator
logo
List of Unclassifed Man...
AMC1117 ETC-AMC1117 Datasheet
240Kb / 9P
   1A Low Dropout Positive Regulator
logo
Analog Intergrations Co...
AIC1117A AIC-AIC1117A_15 Datasheet
220Kb / 11P
   1A Low Dropout Positive Regulator
logo
Silicon Standard Corp.
SS6117AG SSC-SS6117AG Datasheet
230Kb / 7P
   1A Low-Dropout Positive Regulator
logo
Seaward Electronics Inc...
SE1122 SEAWARD-SE1122_14 Datasheet
256Kb / 5P
   1A Low Dropout Positive Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com