Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC431DBF Datasheet(PDF) 7 Page - ADDtek Corp

Part # AMC431DBF
Description  PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC431DBF Datasheet(HTML) 7 Page - ADDtek Corp

Back Button AMC431DBF Datasheet HTML 2Page - ADDtek Corp AMC431DBF Datasheet HTML 3Page - ADDtek Corp AMC431DBF Datasheet HTML 4Page - ADDtek Corp AMC431DBF Datasheet HTML 5Page - ADDtek Corp AMC431DBF Datasheet HTML 6Page - ADDtek Corp AMC431DBF Datasheet HTML 7Page - ADDtek Corp AMC431DBF Datasheet HTML 8Page - ADDtek Corp AMC431DBF Datasheet HTML 9Page - ADDtek Corp AMC431DBF Datasheet HTML 10Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
AMC431
Copyright
© 2006 ADDtek Corp.
7
DD021_G
--
JUNE 2006
APPLICATION INFORMATION (continued)
Figure 8.Precision 5V, 1.5A Regulator
Figure 9. Precision Constant Current Sink
VO = (1 + R1/R2) × VREF
Min VO = VREF + 5V
Figure 10. Output Control of a Three-Terminal
Fixed Regulator
IOUT = (VREF/RCL) + IKA
R1 = VBATT/((IO/hFE) + IKA)
Figure 11. Precision Current Limiter
AMC431
AMC317
8.2K
243
0.1%
VBATT
VO = 5V/1.5A
243
0.1%
Adjust
AMC431
VBATT
RS
0.1%
IO =
VREF/RS
AMC431
VBATT
AMC78L05
R2
R1
OUT
IN
Common
VO
VBATT
AMC431
RCL
0.1%
IO
R1


Similar Part No. - AMC431DBF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC431DB ETC2-AMC431DB Datasheet
174Kb / 11P
   PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
More results

Similar Description - AMC431DBF

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE432N ACE-ACE432N Datasheet
1Mb / 11P
   Precision adjustable shunt voltage reference
VER 1.4
ACE432A ACE-ACE432A Datasheet
214Kb / 10P
   Precision adjustable shunt voltage reference
VER 1.2
ACE432 ACE-ACE432 Datasheet
248Kb / 12P
   Precision adjustable shunt voltage reference
VER 1.2
ACE432 ACE-ACE432_12 Datasheet
614Kb / 10P
   Precision adjustable shunt voltage reference
VER 1.3
logo
List of Unclassifed Man...
AMC431 ETC2-AMC431 Datasheet
174Kb / 11P
   PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
logo
Calogic, LLC
CL2431 CALOGIC-CL2431 Datasheet
64Kb / 6P
   Precision Adjustable Shunt Reference
CL431 CALOGIC-CL431 Datasheet
65Kb / 6P
   Precision Adjustable Shunt Reference
CL1431 CALOGIC-CL1431 Datasheet
78Kb / 6P
   Precision Adjustable Shunt Reference
logo
List of Unclassifed Man...
AS2431 ETC1-AS2431 Datasheet
40Kb / 7P
   Precision Adjustable Shunt Reference
AS1431 ETC-AS1431 Datasheet
81Kb / 8P
   Precision Adjustable Shunt Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com