Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC7150 Datasheet(PDF) 7 Page - ADDtek Corp

Part # AMC7150
Description  1.5A Power LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC7150 Datasheet(HTML) 7 Page - ADDtek Corp

Back Button AMC7150 Datasheet HTML 3Page - ADDtek Corp AMC7150 Datasheet HTML 4Page - ADDtek Corp AMC7150 Datasheet HTML 5Page - ADDtek Corp AMC7150 Datasheet HTML 6Page - ADDtek Corp AMC7150 Datasheet HTML 7Page - ADDtek Corp AMC7150 Datasheet HTML 8Page - ADDtek Corp AMC7150 Datasheet HTML 9Page - ADDtek Corp AMC7150 Datasheet HTML 10Page - ADDtek Corp AMC7150 Datasheet HTML 11Page - ADDtek Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AMC7150
Copyright
© 2006, ADDtek Corp.
DA011 - September 1, 2006
http://www.addmtek.com
3. Application of AMC7150 @ VIN=24VDC
3.1. VIN=24VDC for 2pcs of Power LED in Series:
A. Circuit Diagram:
B. Bill of Material:
Component
Value
Package
AMC7150
-
TO-252-5L
CIN
47uF / 35V
E. C. Cap.
CT
680~820pF
DIP / SMD 0603
RSENSE
0.83Ω
DIP / SMD 1206
DF
1N5819
DO-41 (Axial Lead)
L
220uH
-
3-1


Similar Part No. - AMC7150

ManufacturerPart #DatasheetDescription
logo
ADDtek Corp
AMC7150 ADDTEK-AMC7150 Datasheet
105Kb / 7P
   1.5A POWER LED DRIVER
JUNE 2006
AMC7150DL ADDTEK-AMC7150DL Datasheet
105Kb / 7P
   1.5A POWER LED DRIVER
JUNE 2006
AMC7150DLF ADDTEK-AMC7150DLF Datasheet
105Kb / 7P
   1.5A POWER LED DRIVER
JUNE 2006
AMC7150 ADDTEK-AMC7150_1 Datasheet
105Kb / 7P
   1.5A POWER LED DRIVER
JUNE 2006
More results

Similar Description - AMC7150

ManufacturerPart #DatasheetDescription
logo
ADDtek Corp
AMC7150 ADDTEK-AMC7150_1 Datasheet
105Kb / 7P
   1.5A POWER LED DRIVER
JUNE 2006
logo
Diodes Incorporated
AL8860 DIODES-AL8860_18 Datasheet
569Kb / 17P
   40V 1.5A BUCK LED DRIVER
AL8861 DIODES-AL8861 Datasheet
685Kb / 18P
   40V 1.5A BUCK LED DRIVER
logo
Rohm
BD7710GWL ROHM-BD7710GWL Datasheet
931Kb / 40P
   1.5A LED Camera Flash Driver
logo
Diodes Incorporated
AL8860 DIODES-AL8860 Datasheet
1,018Kb / 17P
   40V 1.5A BUCK LED DRIVER
logo
Maxic Technology Corpor...
MT7202 MAXIC-MT7202 Datasheet
169Kb / 1P
   1.5A LED driver with internal switch
logo
Linear Technology
LT3475-1 LINER-LT3475-1_15 Datasheet
248Kb / 20P
   Dual Step-Down 1.5A LED Driver
logo
Eutech Microelectronics...
EUP2475 EUTECH-EUP2475 Datasheet
66Kb / 1P
   1.5A Synchronous Boost LED Flash Driver
logo
Tontek Design Technolog...
TTP933 TONTEK-TTP933 Datasheet
1Mb / 25P
   1.5A LED Driver with internal switch
logo
Skyworks Solutions Inc.
AAT1274 SKYWORKS-AAT1274 Datasheet
2Mb / 17P
   1.5A Single Flash LED Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com