Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC7114DNF Datasheet(PDF) 7 Page - ADDtek Corp

Part # AMC7114DNF
Description  WHITE/BLUE LED DRIVER FOR LI-ION BATTERY APPLICATION
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC7114DNF Datasheet(HTML) 7 Page - ADDtek Corp

Back Button AMC7114DNF Datasheet HTML 2Page - ADDtek Corp AMC7114DNF Datasheet HTML 3Page - ADDtek Corp AMC7114DNF Datasheet HTML 4Page - ADDtek Corp AMC7114DNF Datasheet HTML 5Page - ADDtek Corp AMC7114DNF Datasheet HTML 6Page - ADDtek Corp AMC7114DNF Datasheet HTML 7Page - ADDtek Corp AMC7114DNF Datasheet HTML 8Page - ADDtek Corp AMC7114DNF Datasheet HTML 9Page - ADDtek Corp AMC7114DNF Datasheet HTML 10Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
AMC7110/1/3/4
Copyright
© 2007 ADDtek Corp.
7
DD028_F
--
JUNE 2007
PACKAGE
Surface Mount SOT-26 (DB)
INCHES
MILLIMETERS
MIN
TYP
MAX
MIN
TYP
MAX
A
-
-
0.057
-
-
1.45
A1
-
-
0.006
-
-
0.15
A2 0.035 0.045 0.051 0.90
1.15
1.30
b 0.012
-
0.020 0.30
-
0.50
c 0.003
-
0.009 0.08
-
0.22
D
0.114 BSC
2.90 BSC
E
0.110 BSC
2.80 BSC
E1
0.063`BSC
1.60 BSC
e
0.037 BSC
0.95 BSC
e1
0.075BSC
1.90 BSC
L 0.012 0.018 0.024 0.30
0.45
0.60
L1
0.024 REF
0.60 REF
L2
0.010 BSC
0.25 BSC
°M5°
10
°
15
°
5
°
10
°
15
°
8-Pin Plastic MSOP (DN)
INCHES
MILLIMETERS
MIN
TYP
MAX
MIN
TYP
MAX
A 0.114 0.118 0.122 2.90
3.00
3.10
B 0.114 0.118 0.122 2.90
3.00
3.10
C
0.040 0.044
1.02
1.12
D
0.012
0.30
F 0.016 0.021 0.031 0.40
0.53
0.80
G
-
0.026
-
-
0.65
-
J
0.006
0.15
K 0.000
-
0.006 0.00
-
0.15
M
-
-
P 0.185 0.193 0.201 4.70
4.90
5.10
K
D
G
M
J
C
P
A
F
L1
L
L2
c
M
A2
A
A1
M
D
e1
E1
E
e
b


Similar Part No. - AMC7114DNF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC7114DN ETC1-AMC7114DN Datasheet
115Kb / 1P
   White/Blue LED Driver for Li-Ion Battery Application
More results

Similar Description - AMC7114DNF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC7110 ETC1-AMC7110 Datasheet
115Kb / 1P
   White/Blue LED Driver for Li-Ion Battery Application
logo
SamHop Microelectronics...
SM6802 SAMHOP-SM6802 Datasheet
231Kb / 13P
   WHITE / BLUE LED DRIVER FOR LI- ION BATTERY APPLICATION
logo
Vishay Siliconix
SIP12401 VISHAY-SIP12401 Datasheet
154Kb / 7P
   Boost Controller For Double AA Cell or Li-Ion Battery For White LED Application
Rev. C, 03-Sep-07
logo
Taiwan Semiconductor Co...
TS2207A TSC-TS2207A Datasheet
152Kb / 6P
   Li-Ion Battery Protector Ideal for One-Cell Rechargeable Li-Ion Battery
TS2208A TSC-TS2208A Datasheet
107Kb / 6P
   Li-Ion Battery Protector Ideal for One-Cell Rechargeable Li-Ion Battery
logo
ACE Technology Co., LTD...
ACE517 ACE-ACE517 Datasheet
213Kb / 8P
   WLED Linear Driver for Li-lon Battery Application
VER 1.2
logo
Maxim Integrated Produc...
MAX17703EVKITA MAXIM-MAX17703EVKITA Datasheet
1Mb / 15P
   MAX17703 in 4.2V Li-Ion Battery Charger Application
Rev 0; 4/21
logo
Rohm
BD99958GW ROHM-BD99958GW Datasheet
8Mb / 130P
   1 to 4-Cell Li-Ion Battery Manager For Application Processors
BD99954MWV ROHM-BD99954MWV Datasheet
3Mb / 130P
   1 to 4-Cell Li-Ion Battery Manager For Application Processors
18. Jul. 2017, Rev.001
logo
Intersil Corporation
ISL9205_0705 INTERSIL-ISL9205_0705 Datasheet
444Kb / 14P
   Li-ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com