Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC7585-5.0 Datasheet(PDF) 3 Page - ADDtek Corp

Part # AMC7585-5.0
Description  5A LOW DROPOUT REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC7585-5.0 Datasheet(HTML) 3 Page - ADDtek Corp

  AMC7585-5.0 Datasheet HTML 1Page - ADDtek Corp AMC7585-5.0 Datasheet HTML 2Page - ADDtek Corp AMC7585-5.0 Datasheet HTML 3Page - ADDtek Corp AMC7585-5.0 Datasheet HTML 4Page - ADDtek Corp AMC7585-5.0 Datasheet HTML 5Page - ADDtek Corp AMC7585-5.0 Datasheet HTML 6Page - ADDtek Corp AMC7585-5.0 Datasheet HTML 7Page - ADDtek Corp AMC7585-5.0 Datasheet HTML 8Page - ADDtek Corp AMC7585-5.0 Datasheet HTML 9Page - ADDtek Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AMC7585
Copyright
© 2007 ADDtek Corp.
3
DD041_G
--
OCTOBER 2007
ABSOLUTE MAXIMUM RATINGS
(Note)
Input Voltage (VIN)
7V
Operating Junction temperature
150
OC
Storage Temperature Range
-65
OC to 150 OC
Lead temperature (Soldering, 10 seconds)
300
OC
Note: Exceeding these ratings could cause damage to the device.
All voltages are with respect to Ground.
Currents are positive into, negative
out of the specified terminal.
POWER DISSIPATION TABLE
Package
θ
JT
(°C /W )
θ
JA
(°C /W )
Derating factor
( mW/ °C )
TA ≥ 25
OC
TA ≤ 25 °C
Power rating (mW)
TA=70 °C
Power rating (mW)
TA= 85 °C
Power rating (mW)
T
6
45
22.2
2775
1776
1443
TF
6
45
22.2
2775
1776
1443
ST/ST3
6
45
22.2
2775
1776
1443
STF/ST3F
6
45
22.2
2775
1776
1443
SJ
7
80
12.5
1562
1000
812
SJF
7
80
12.5
1562
1000
812
Note:
T
J = T
A + (PD × θJA)
P
D: Power dissipation.
θ
JA: Thermal resistance from Junction to Ambient.
For T and ST/ST3 packages,
θ
JT = 6.0 °C / W.
For SJ package,
θ
JT = 7.0°C /W.
T
J = T
TAB + (PD × θJT)
TTAB: Tab temperature.
θ
JT: Thermal resistance from junction to tab of the package.
1. The
θ
JA numbers are guidelines for the thermal performance of the device/PC-board system.
2. All of the above assume no ambient airflow.
3. If power consumption is over above rating, adequate heat sink is required to dissipate heat.
RECOMMENDED OPERATING CONDITIONS
Recommended Operating Conditions
Parameter
Symbol
Min.
Typ.
Max.
Units
Input Voltage
VIN
2.75
7
V
Load Current (with adequate heatsinking)
I
O
0.010
5
A
Input Capacitor (VIN to GND)
1
µF
Output Capacitor with ESR of 10
Ω max., (V
OUT to GND)
10
µF
Operating Ambient Temperature Range
0
70
OC
Operating junction temperature
TJ
125
OC


Similar Part No. - AMC7585-5.0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC7585-5.0 ETC1-AMC7585-5.0 Datasheet
577Kb / 10P
   5A LOW DROPOUT REGULATOR
More results

Similar Description - AMC7585-5.0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC7581 ETC-AMC7581 Datasheet
297Kb / 12P
   5A LOW DROPOUT REGULATOR
AMC7585 ETC1-AMC7585 Datasheet
577Kb / 10P
   5A LOW DROPOUT REGULATOR
logo
IK Semicon Co., Ltd
IL1084-XX IKSEMICON-IL1084-XX Datasheet
459Kb / 15P
   5A LOW DROPOUT POSITIVE REGULATOR
logo
Exar Corporation
SPX29501 EXAR-SPX29501 Datasheet
724Kb / 9P
   5A Low Dropout Voltage Regulator
logo
Seaward Electronics Inc...
SE1084 SEAWARD-SE1084 Datasheet
549Kb / 12P
   5A Low Dropout Linear Regulator
logo
Exar Corporation
SPX1585 EXAR-SPX1585 Datasheet
344Kb / 7P
   5A Low Dropout Voltage Regulator
logo
Global Mixed-mode Techn...
G9084 GMT-G9084 Datasheet
52Kb / 2P
   5A Low-Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS1084 ADMOS-AMS1084_05 Datasheet
192Kb / 9P
   5A LOW DROPOUT VOLTAGE REGULATOR
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_13 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084 BCDSEMI-AZ1084_10 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com