Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC7585-X.XT Datasheet(PDF) 10 Page - ADDtek Corp

Part # AMC7585-X.XT
Description  5A LOW DROPOUT REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC7585-X.XT Datasheet(HTML) 10 Page - ADDtek Corp

Back Button AMC7585-X.XT Datasheet HTML 2Page - ADDtek Corp AMC7585-X.XT Datasheet HTML 3Page - ADDtek Corp AMC7585-X.XT Datasheet HTML 4Page - ADDtek Corp AMC7585-X.XT Datasheet HTML 5Page - ADDtek Corp AMC7585-X.XT Datasheet HTML 6Page - ADDtek Corp AMC7585-X.XT Datasheet HTML 7Page - ADDtek Corp AMC7585-X.XT Datasheet HTML 8Page - ADDtek Corp AMC7585-X.XT Datasheet HTML 9Page - ADDtek Corp AMC7585-X.XT Datasheet HTML 10Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
AMC7585
Copyright
© 2007 ADDtek Corp.
10
DD041_G
--
OCTOBER 2007
IMPORTANT NOTICE
ADDtek reserves the right to make changes to its products or to discontinue any integrated circuit product or service
without notice, and advises its customers to obtain the latest version of relevant information to verify, before placing
orders, that the information being relied on is current.
A few applications using integrated circuit products may involve potential risks of death, personal injury, or severe
property or environmental damage.
ADDtek integrated circuit products are not designed, intended, authorized, or
warranted to be suitable for use in life-support applications, devices or systems or other critical applications.
Use of
ADDtek products in such applications is understood to be fully at the risk of the customer.
In order to minimize risks
associated with the customer’s applications, the customer should provide adequate design and operating safeguards.
ADDtek assumes to no liability to customer product design or application support. ADDtek warrants the performance of
its products to the specifications applicable at the time of sale.
ADDtek Corp.
9F, No. 20, Sec. 3, Bade Rd., Taipei, Taiwan, 105
TEL: 2-25700299
FAX: 2-25700196


Similar Part No. - AMC7585-X.XT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC7585-X-TP ETC1-AMC7585-X-TP Datasheet
577Kb / 10P
   5A LOW DROPOUT REGULATOR
AMC7585-X-XSJ ETC1-AMC7585-X-XSJ Datasheet
577Kb / 10P
   5A LOW DROPOUT REGULATOR
AMC7585-X-XSJF ETC1-AMC7585-X-XSJF Datasheet
577Kb / 10P
   5A LOW DROPOUT REGULATOR
AMC7585-X-XSTF ETC1-AMC7585-X-XSTF Datasheet
577Kb / 10P
   5A LOW DROPOUT REGULATOR
AMC7585-X-XT ETC1-AMC7585-X-XT Datasheet
577Kb / 10P
   5A LOW DROPOUT REGULATOR
More results

Similar Description - AMC7585-X.XT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC7581 ETC-AMC7581 Datasheet
297Kb / 12P
   5A LOW DROPOUT REGULATOR
AMC7585 ETC1-AMC7585 Datasheet
577Kb / 10P
   5A LOW DROPOUT REGULATOR
logo
IK Semicon Co., Ltd
IL1084-XX IKSEMICON-IL1084-XX Datasheet
459Kb / 15P
   5A LOW DROPOUT POSITIVE REGULATOR
logo
Exar Corporation
SPX29501 EXAR-SPX29501 Datasheet
724Kb / 9P
   5A Low Dropout Voltage Regulator
logo
Seaward Electronics Inc...
SE1084 SEAWARD-SE1084 Datasheet
549Kb / 12P
   5A Low Dropout Linear Regulator
logo
Exar Corporation
SPX1585 EXAR-SPX1585 Datasheet
344Kb / 7P
   5A Low Dropout Voltage Regulator
logo
Global Mixed-mode Techn...
G9084 GMT-G9084 Datasheet
52Kb / 2P
   5A Low-Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS1084 ADMOS-AMS1084_05 Datasheet
192Kb / 9P
   5A LOW DROPOUT VOLTAGE REGULATOR
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_13 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084 BCDSEMI-AZ1084_10 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com