Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC7585-ADJTF Datasheet(PDF) 5 Page - ADDtek Corp

Part # AMC7585-ADJTF
Description  5A LOW DROPOUT REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC7585-ADJTF Datasheet(HTML) 5 Page - ADDtek Corp

  AMC7585-ADJTF Datasheet HTML 1Page - ADDtek Corp AMC7585-ADJTF Datasheet HTML 2Page - ADDtek Corp AMC7585-ADJTF Datasheet HTML 3Page - ADDtek Corp AMC7585-ADJTF Datasheet HTML 4Page - ADDtek Corp AMC7585-ADJTF Datasheet HTML 5Page - ADDtek Corp AMC7585-ADJTF Datasheet HTML 6Page - ADDtek Corp AMC7585-ADJTF Datasheet HTML 7Page - ADDtek Corp AMC7585-ADJTF Datasheet HTML 8Page - ADDtek Corp AMC7585-ADJTF Datasheet HTML 9Page - ADDtek Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AMC7585
Copyright
© 2007 ADDtek Corp.
5
DD041_G
--
OCTOBER 2007
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, VIN = VOUT + 1.5V, IO = 10mA. These specifications apply operating ambient temperature
range, and are for DC characteristics only. (Low duty cycle pulse testing techniques are used which maintains
junction and case temperatures equal to the ambient temperature.)
AMC7585
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Units
AMC7585-2.5
2.475
2.500
2.525
AMC7585-3.3
3.267
3.300
3.333
Output Voltage
AMC7585-5.0
VOUT
IO = 10mA, TA = 25
OC
4.950
5.000
5.050
V
AMC7585-2.5
2.450
2.500
2.550
AMC7585-3.3
3.234
3.300
3.366
Output Voltage
AMC7585-5.0
VOUT
VIN = VOUT + 1.5V to 10V,
IO = 0mA to 5A
4.900
5.000
5.100
V
(Note 1)
1.238
1.250
1.262
Reference
Voltage
AMC7585-ADJ
VREF
IO = 10mA to 5A, (Note 1)
1.230
1.250
1.270
V
Line Regulation (Note 2)
ΔVOI (1.5V + V
OUT) ≤ VIN
≤ 7V
0.04
0.2
%
Load Regulation (Note 2)
ΔVOL
IO=10mA to 5A
0.2
0.4
%
Dropout Voltage
ΔV
IO = 5A (Note 3)
1.30
1.50
V
Quiescent Current
( for AMC7585-X.X)
IQ
VIN ≤ 7V, IO = 10mA to 3A
8
13
mA
Adjust Pin Current
( for AMC7585-ADJ)
IADJ
50
120
µA
Current Limit
ICL
(VIN - VOUT)=2V
5.1
6.8
A
Minimum Load Current (Note 4)
Imin
5
10
mA
Ripple Rejection (Note 5)
RR
VRIPPLE = 1VPP, IO = 100mA,
fO=120Hz
60
80
dB
Note 1
Output voltage is set to be 2.5V.
Note 2:
Line and load regulations are guaranteed up to maximum power dissipation determined by input/output differential and the output current.
However, the maximum power will not be available over the full input/output voltage range.
Note 3:
The specifications represent the minimum input/output voltage required to maintain 1% regulation.
Note 4:
The minimum load current is the minimum current required to maintain regulation. Normally the current in the resistor divider used to set
the output voltage is selected to meet the minimum load current requirement.
Note 5:
These parameters, although guaranteed, are not tested in production prior to shipment


Similar Part No. - AMC7585-ADJTF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC7585-ADJTF ETC1-AMC7585-ADJTF Datasheet
577Kb / 10P
   5A LOW DROPOUT REGULATOR
More results

Similar Description - AMC7585-ADJTF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC7581 ETC-AMC7581 Datasheet
297Kb / 12P
   5A LOW DROPOUT REGULATOR
AMC7585 ETC1-AMC7585 Datasheet
577Kb / 10P
   5A LOW DROPOUT REGULATOR
logo
IK Semicon Co., Ltd
IL1084-XX IKSEMICON-IL1084-XX Datasheet
459Kb / 15P
   5A LOW DROPOUT POSITIVE REGULATOR
logo
Exar Corporation
SPX29501 EXAR-SPX29501 Datasheet
724Kb / 9P
   5A Low Dropout Voltage Regulator
logo
Seaward Electronics Inc...
SE1084 SEAWARD-SE1084 Datasheet
549Kb / 12P
   5A Low Dropout Linear Regulator
logo
Exar Corporation
SPX1585 EXAR-SPX1585 Datasheet
344Kb / 7P
   5A Low Dropout Voltage Regulator
logo
Global Mixed-mode Techn...
G9084 GMT-G9084 Datasheet
52Kb / 2P
   5A Low-Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS1084 ADMOS-AMS1084_05 Datasheet
192Kb / 9P
   5A LOW DROPOUT VOLTAGE REGULATOR
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_13 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084 BCDSEMI-AZ1084_10 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com