Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC8878 Datasheet(PDF) 6 Page - ADDtek Corp

Part # AMC8878
Description  LOW NOISE 150mA LOW DROPOUT REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC8878 Datasheet(HTML) 6 Page - ADDtek Corp

  AMC8878 Datasheet HTML 1Page - ADDtek Corp AMC8878 Datasheet HTML 2Page - ADDtek Corp AMC8878 Datasheet HTML 3Page - ADDtek Corp AMC8878 Datasheet HTML 4Page - ADDtek Corp AMC8878 Datasheet HTML 5Page - ADDtek Corp AMC8878 Datasheet HTML 6Page - ADDtek Corp AMC8878 Datasheet HTML 7Page - ADDtek Corp AMC8878 Datasheet HTML 8Page - ADDtek Corp AMC8878 Datasheet HTML 9Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
AMC8878/8879
Copyright
© 2006 ADDtek Corp.
6
DD067_G -- JUNE 2006
CHARACTERIZATION CURVES (Continued))
VIN=VOUT(NOMINAL) + 0.5V or 2.5V(whichever is greater), CIN=1uF, COUT=1uF,CBP=0.01uF, TA=+25
OC,
Using plused ON time,unless otherwise noted.
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0.2
0.22
0.24
0
25
50
75
100
125
150
Dropout Voltage v.s. Output Current
Output Current (mA)
Load Transient Response
with IO=50mA
Time=2ms
COUT=1uF
IO
VO
Time=2ms
IO
VO
COUT=1uF
Load Transient Response
with IO=150mA
Line Transient Response,
With IO=50mA
Time=1ms
VOUT=3.3V
0
0.05
0.1
0.15
0.2
0.25
0.3
25
45
65
85
105
Dropout Voltage v.s. Temperature
Temperature (
OC)
IO=150mA
Entering Shutdown,
No Load
Time=2ms
VOUT
VSHDN


Similar Part No. - AMC8878

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC8878 ETC1-AMC8878 Datasheet
513Kb / 9P
   LOW NOISE 150mA LOW DROPOUT REGULATOR
AMC8878-X.XDBT ETC1-AMC8878-X.XDBT Datasheet
513Kb / 9P
   LOW NOISE 150mA LOW DROPOUT REGULATOR
AMC8878-X.XDBTF ETC1-AMC8878-X.XDBTF Datasheet
513Kb / 9P
   LOW NOISE 150mA LOW DROPOUT REGULATOR
More results

Similar Description - AMC8878

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM1330 UNIONSEMI-UM1330 Datasheet
634Kb / 14P
   150mA, Low Noise, Low Dropout Regulator
logo
List of Unclassifed Man...
AMC8878 ETC1-AMC8878 Datasheet
513Kb / 9P
   LOW NOISE 150mA LOW DROPOUT REGULATOR
logo
Union Semiconductor, In...
UM1330 UNIONSEMI-UM1330_15 Datasheet
636Kb / 14P
   150mA, Low Noise, Low Dropout Regulator
logo
Semtech Corporation
SC8863 SEMTECH-SC8863_05 Datasheet
224Kb / 11P
   150mA Ultra Low Dropout, Low Noise Regulator
logo
Eutech Microelectronics...
EUP7965 EUTECH-EUP7965 Datasheet
375Kb / 15P
   150mA Low-Noise Low-Dropout Linear Regulator
logo
Sangdest Microelectroni...
SULR1730 SMC-SULR1730 Datasheet
335Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730_15 Datasheet
269Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
AIC1730 AIC-AIC1730 Datasheet
222Kb / 12P
   Low Noise Low Dropout, 150mA Linear Regulator
logo
Silicon Standard Corp.
SS6730 SSC-SS6730 Datasheet
187Kb / 12P
   150mA Low-Noise, Low-Dropout Linear Regulator
logo
Semtech Corporation
SC8863 SEMTECH-SC8863 Datasheet
92Kb / 9P
   150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com