Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC8879 Datasheet(PDF) 5 Page - ADDtek Corp

Part # AMC8879
Description  LOW NOISE 150mA LOW DROPOUT REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC8879 Datasheet(HTML) 5 Page - ADDtek Corp

  AMC8879 Datasheet HTML 1Page - ADDtek Corp AMC8879 Datasheet HTML 2Page - ADDtek Corp AMC8879 Datasheet HTML 3Page - ADDtek Corp AMC8879 Datasheet HTML 4Page - ADDtek Corp AMC8879 Datasheet HTML 5Page - ADDtek Corp AMC8879 Datasheet HTML 6Page - ADDtek Corp AMC8879 Datasheet HTML 7Page - ADDtek Corp AMC8879 Datasheet HTML 8Page - ADDtek Corp AMC8879 Datasheet HTML 9Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AMC8878/8879
Copyright
© 2006 ADDtek Corp.
5
DD067_G -- JUNE 2006
CHARACTERIZATION CURVES
VIN=VOUT(NOMINAL) + 0.5V or 2.5V(whichever is greater), CIN=1uF, COUT=1uF,CBP=0.01uF, TA=+25
OC,
Using plused ON time,unless otherwise noted.
2.8
2.9
3
3.1
3.2
3.3
3.4
3.5
0
20
40
60
80
100
120
140
Output Voltage v.s. Output Current
Output Current (V)
VOUT=3.3V
3
3.1
3.2
3.3
3.4
3.5
44.5
55.5
6
Output Voltage v.s. Input Voltage
Input Voltage (V)
IO=10mA
IO=150mA
VOUT=3.3V
Temperature (
OC)
3.2
3.24
3.28
3.32
3.36
3.4
3.44
3.48
25
45
65
85
105
Output Voltage v.s. Temperature
VOUT=3.3V
IO=10mA
IO=150mA
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
25
50
75
100
125
150
Quiescent Current v.s. Output Current
Output Current (mA)
1
1.2
1.4
1.6
1.8
2
2.2
2.4
25
45
65
85
105
Quiescent Current v.s. Temperature
Temperature (
OC)
1
1.2
1.4
1.6
1.8
2
2.2
2.4
44.5
55.5
6
Quiescent Current v.s. Input Voltage
Input Voltage (V)
IO=150mA
IO=10mA


Similar Part No. - AMC8879

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC8879 ETC1-AMC8879 Datasheet
513Kb / 9P
   LOW NOISE 150mA LOW DROPOUT REGULATOR
AMC8879-X.XDBT ETC1-AMC8879-X.XDBT Datasheet
513Kb / 9P
   LOW NOISE 150mA LOW DROPOUT REGULATOR
AMC8879-X.XDBTF ETC1-AMC8879-X.XDBTF Datasheet
513Kb / 9P
   LOW NOISE 150mA LOW DROPOUT REGULATOR
More results

Similar Description - AMC8879

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM1330 UNIONSEMI-UM1330 Datasheet
634Kb / 14P
   150mA, Low Noise, Low Dropout Regulator
logo
List of Unclassifed Man...
AMC8878 ETC1-AMC8878 Datasheet
513Kb / 9P
   LOW NOISE 150mA LOW DROPOUT REGULATOR
logo
Union Semiconductor, In...
UM1330 UNIONSEMI-UM1330_15 Datasheet
636Kb / 14P
   150mA, Low Noise, Low Dropout Regulator
logo
Semtech Corporation
SC8863 SEMTECH-SC8863_05 Datasheet
224Kb / 11P
   150mA Ultra Low Dropout, Low Noise Regulator
logo
Eutech Microelectronics...
EUP7965 EUTECH-EUP7965 Datasheet
375Kb / 15P
   150mA Low-Noise Low-Dropout Linear Regulator
logo
Sangdest Microelectroni...
SULR1730 SMC-SULR1730 Datasheet
335Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730_15 Datasheet
269Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
AIC1730 AIC-AIC1730 Datasheet
222Kb / 12P
   Low Noise Low Dropout, 150mA Linear Regulator
logo
Silicon Standard Corp.
SS6730 SSC-SS6730 Datasheet
187Kb / 12P
   150mA Low-Noise, Low-Dropout Linear Regulator
logo
Semtech Corporation
SC8863 SEMTECH-SC8863 Datasheet
92Kb / 9P
   150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com