Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC7585-ADJSTF Datasheet(PDF) 6 Page - ADDtek Corp

Part # AMC7585-ADJSTF
Description  5A LOW DROPOUT REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC7585-ADJSTF Datasheet(HTML) 6 Page - ADDtek Corp

Back Button AMC7585-ADJSTF Datasheet HTML 2Page - ADDtek Corp AMC7585-ADJSTF Datasheet HTML 3Page - ADDtek Corp AMC7585-ADJSTF Datasheet HTML 4Page - ADDtek Corp AMC7585-ADJSTF Datasheet HTML 5Page - ADDtek Corp AMC7585-ADJSTF Datasheet HTML 6Page - ADDtek Corp AMC7585-ADJSTF Datasheet HTML 7Page - ADDtek Corp AMC7585-ADJSTF Datasheet HTML 8Page - ADDtek Corp AMC7585-ADJSTF Datasheet HTML 9Page - ADDtek Corp AMC7585-ADJSTF Datasheet HTML 10Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AMC7585
Copyright
© 2007 ADDtek Corp.
6
DD041_G
--
OCTOBER 2007
CHARACTERISTIC CURVES
CIN=10uF, COUT=22uF, TA=25
OC, unless otherwise specified.
1.5
1.55
1.6
1.65
1.7
1.75
1.8
1.85
1.9
1.95
2
0123
45
Load Regulation
Output Current (A)
VIN =3.8V, VOUT =1.8V
2.4
2.42
2.44
2.46
2.48
2.5
2.52
2.54
2.56
2.58
2.6
01
2
3
4
5
Load Regulation
VIN =4.5V,VOUT =2.5V
Output Current (A)
3
3.0 5
3.1
3.1 5
3.2
3.2 5
3.3
3.3 5
3.4
3.4 5
3.5
012
345
Load Regulation
VIN =5.3V, VOUT =3.3V
Output Current (A)
4.7
4.75
4.8
4.85
4.9
4.95
5
5.05
5.1
5.15
5.2
01
23
45
Load Regulation
VIN =7.0V, VOUT =5.0V
Output Current (A)
2.4
2.42
2.44
2.46
2.48
2.5
2.52
2.54
2.56
2.58
2.6
-40
-20
0
20
40
60
80
100
120
Temperature (
OC)
Output Voltage v.s.
Temperature
VIN =5V, VOUT=2.5V
IO=10mA
IO=5A
2
3
4
5
6
7
8
-40 -20
0
2040
6080 100 120
Temperature (
OC)
Quiescent Current vs.
Temperature


Similar Part No. - AMC7585-ADJSTF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC7585-ADJSTF ETC1-AMC7585-ADJSTF Datasheet
577Kb / 10P
   5A LOW DROPOUT REGULATOR
More results

Similar Description - AMC7585-ADJSTF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC7581 ETC-AMC7581 Datasheet
297Kb / 12P
   5A LOW DROPOUT REGULATOR
AMC7585 ETC1-AMC7585 Datasheet
577Kb / 10P
   5A LOW DROPOUT REGULATOR
logo
IK Semicon Co., Ltd
IL1084-XX IKSEMICON-IL1084-XX Datasheet
459Kb / 15P
   5A LOW DROPOUT POSITIVE REGULATOR
logo
Exar Corporation
SPX29501 EXAR-SPX29501 Datasheet
724Kb / 9P
   5A Low Dropout Voltage Regulator
logo
Seaward Electronics Inc...
SE1084 SEAWARD-SE1084 Datasheet
549Kb / 12P
   5A Low Dropout Linear Regulator
logo
Exar Corporation
SPX1585 EXAR-SPX1585 Datasheet
344Kb / 7P
   5A Low Dropout Voltage Regulator
logo
Global Mixed-mode Techn...
G9084 GMT-G9084 Datasheet
52Kb / 2P
   5A Low-Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS1084 ADMOS-AMS1084_05 Datasheet
192Kb / 9P
   5A LOW DROPOUT VOLTAGE REGULATOR
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_13 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084 BCDSEMI-AZ1084_10 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com