Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC887-5.0DBT Datasheet(PDF) 3 Page - ADDtek Corp

Part # AMC887-5.0DBT
Description  LOW NOISE 150mA LOW DROPOUT REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC887-5.0DBT Datasheet(HTML) 3 Page - ADDtek Corp

  AMC887-5.0DBT Datasheet HTML 1Page - ADDtek Corp AMC887-5.0DBT Datasheet HTML 2Page - ADDtek Corp AMC887-5.0DBT Datasheet HTML 3Page - ADDtek Corp AMC887-5.0DBT Datasheet HTML 4Page - ADDtek Corp AMC887-5.0DBT Datasheet HTML 5Page - ADDtek Corp AMC887-5.0DBT Datasheet HTML 6Page - ADDtek Corp AMC887-5.0DBT Datasheet HTML 7Page - ADDtek Corp AMC887-5.0DBT Datasheet HTML 8Page - ADDtek Corp AMC887-5.0DBT Datasheet HTML 9Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AMC8878/8879
Copyright
© 2006 ADDtek Corp.
3
DD067_G -- JUNE 2006
BLOCK DIAGRAM
PIN DESCRIPTION
Pin Number
AMC8878
AMC8879
Pin Name
Pin Function
1
5
VIN
Input
2
2
GND
Ground
3
1
SHDN
Logic control shutdown pin; HI: Device is ON, LO: Device is OFF
4
3
BP
Noise bypass pin; The output noise level can be reduced to 30
µVRMS by
connecting external capacitors
5
4
VOUT
Output
RECOMMENDED OPERATING CONDITIONS
Recommended Operating Conditions
Parameter
Symbol
Min.
Typ.
Max.
Units
Input Voltage
VIN
2.5
6.5
V
Load Current
I
O
5
150
mA
Input Capacitor (VIN to GND)
1.0
µF
Output Capacitor with ESR of 10
Ω max., (VOUT to GND)
1.0
µF
Note:
1. CIN: A 1.0 µF capacitor (or larger) should be placed between VIN to GND.
2. COUT: A 1.0 µF (or larger) capacitor is recommended between VOUT and GND for stability and improving the regulator’s transient response. The
ESR (Effective Series Resistance.) of this capacitor has no effect on regulator stability, but low ESR capacitors improve high frequency transient
response. The value of this capacitor may be increased without limit, but values larger than 10uF tend to increase the settling time after a step
change in input voltage or output current. The part may oscillate without the capacitor. Any type of capacitor can be used, but not Aluminum
electrolytics when operating below -25 OC, The capacitance may be increased without limit.
Thermal
Sensor
VREF
Shutdown
And
Power-On
Control
Reverse
Battery
Protection
Current
Limit
VIN
SHDN
GND
VOUT
BP


Similar Part No. - AMC887-5.0DBT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC8877 ETC-AMC8877 Datasheet
404Kb / 9P
   LOW NOISE 300mA LOW DROPOUT REGULATOR
AMC8877-1.8DBT ETC-AMC8877-1.8DBT Datasheet
404Kb / 9P
   LOW NOISE 300mA LOW DROPOUT REGULATOR
AMC8877-2.0DBT ETC-AMC8877-2.0DBT Datasheet
404Kb / 9P
   LOW NOISE 300mA LOW DROPOUT REGULATOR
AMC8877-2.5DBT ETC-AMC8877-2.5DBT Datasheet
404Kb / 9P
   LOW NOISE 300mA LOW DROPOUT REGULATOR
AMC8877-2.8DBT ETC-AMC8877-2.8DBT Datasheet
404Kb / 9P
   LOW NOISE 300mA LOW DROPOUT REGULATOR
More results

Similar Description - AMC887-5.0DBT

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM1330 UNIONSEMI-UM1330 Datasheet
634Kb / 14P
   150mA, Low Noise, Low Dropout Regulator
logo
List of Unclassifed Man...
AMC8878 ETC1-AMC8878 Datasheet
513Kb / 9P
   LOW NOISE 150mA LOW DROPOUT REGULATOR
logo
Union Semiconductor, In...
UM1330 UNIONSEMI-UM1330_15 Datasheet
636Kb / 14P
   150mA, Low Noise, Low Dropout Regulator
logo
Semtech Corporation
SC8863 SEMTECH-SC8863_05 Datasheet
224Kb / 11P
   150mA Ultra Low Dropout, Low Noise Regulator
logo
Eutech Microelectronics...
EUP7965 EUTECH-EUP7965 Datasheet
375Kb / 15P
   150mA Low-Noise Low-Dropout Linear Regulator
logo
Sangdest Microelectroni...
SULR1730 SMC-SULR1730 Datasheet
335Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730_15 Datasheet
269Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
AIC1730 AIC-AIC1730 Datasheet
222Kb / 12P
   Low Noise Low Dropout, 150mA Linear Regulator
logo
Silicon Standard Corp.
SS6730 SSC-SS6730 Datasheet
187Kb / 12P
   150mA Low-Noise, Low-Dropout Linear Regulator
logo
Semtech Corporation
SC8863 SEMTECH-SC8863 Datasheet
92Kb / 9P
   150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com