Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT126DB Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74LVT126DB
Description  3.3 V quad buffer; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT126DB Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LVT126DB Datasheet HTML 2Page - NXP Semiconductors 74LVT126DB Datasheet HTML 3Page - NXP Semiconductors 74LVT126DB Datasheet HTML 4Page - NXP Semiconductors 74LVT126DB Datasheet HTML 5Page - NXP Semiconductors 74LVT126DB Datasheet HTML 6Page - NXP Semiconductors 74LVT126DB Datasheet HTML 7Page - NXP Semiconductors 74LVT126DB Datasheet HTML 8Page - NXP Semiconductors 74LVT126DB Datasheet HTML 9Page - NXP Semiconductors 74LVT126DB Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
9397 750 14553
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 04 — 11 February 2005
6 of 15
Philips Semiconductors
74LVT126
3.3 V quad buffer; 3-state
[1]
Typical values are measured at nominal VCC and Tamb = 25 °C.
[2]
Unused pins at VCC or GND.
[3]
This is the bus hold overdrive current required to force the input to the opposite logic state.
[4]
This parameter is valid for any VCC between 0 V and 1.2 V with a transition time of up to 10 ms. From VCC = 1.2 V to VCC = 3.3 V ± 0.3 V
a transition time of 100
µs is permitted. This parameter is valid for T
amb =25 °C only.
[5]
Measured with outputs pulled up to VCC or GND.
[6]
This is the increase in supply current for each input at the specified voltage level other than VCC or GND.
11. Dynamic characteristics
IEX
external current into output
output in HIGH-state when
VO >VCC; VO = 5.5 V and
VCC = 3.0 V
-
60
125
µA
IPU, IPD
power-up or power-down
3-state output current
VCC ≤ 1.2 V; VO = 0.5 V to VCC;
VI = GND or VCC; nOE = don’t care
[4] -
±1
±100
µA
IOZ
3-state output current
VCC = 3.6 V
output HIGH: VO = 3.0 V
-
1
5
µA
output LOW: VO = 0.5 V
-
−1
−5
µA
ICC
quiescent supply current
VCC = 3.6 V; VI = GND or VCC;
IO =0 A
outputs HIGH
-
0.13
0.19
mA
outputs LOW
-
2
7
mA
outputs disabled
[5] -
0.13
0.19
mA
∆ICC
additional supply current
per input pin
VCC = 3 V to 3.6 V; one input at
VCC − 0.6 V and other inputs at
VCC or GND
[6] -
0.1
0.2
mA
CI
input capacitance
VI = 0 V or VCC
-4
-
pF
CO
output capacitance
outputs disabled; VO = 0 V or 3.0 V
-
8
-
pF
Table 7:
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Table 8:
Dynamic characteristics
GND = 0 V; tr =tf = 2.5 ns; CL = 50 pF; RL = 500 Ω; for test circuit see Figure 7.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Tamb = −40 °C to +85 °C [1]
tPLH
propagation delay nA to nY
VCC = 2.7 V
-
-
4.5
ns
VCC = 3.3 V ± 0.3 V
1.0
2.3
3.8
ns
tPHL
propagation delay nA to nY
VCC = 2.7 V
-
-
4.4
ns
VCC = 3.3 V ± 0.3 V
1.0
2.4
3.9
ns
tPZH
output enable time nOE to nY
VCC = 2.7 V
-
-
6.1
ns
VCC = 3.3 V ± 0.3 V
1.0
3.6
5.4
ns
tPZL
output enable time nOE to nY
VCC = 2.7 V
-
-
5.8
ns
VCC = 3.3 V ± 0.3 V
1.1
3.6
5.2
ns


Similar Part No. - 74LVT126DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT126DB PHILIPS-74LVT126DB Datasheet
86Kb / 10P
   3.3V Quad buffer 3-State
1998 Feb 19
More results

Similar Description - 74LVT126DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT125 PHILIPS-74LVT125 Datasheet
93Kb / 15P
   3.3 V quad buffer; 3-state
Rev. 05-10 February 2005
74LVT125D-T NXP-74LVT125D-T Datasheet
106Kb / 16P
   3.3 V quad buffer 3-state
Rev. 06-6 March 2006
logo
Nexperia B.V. All right...
74LVTH125 NEXPERIA-74LVTH125 Datasheet
243Kb / 13P
   3.3 V quad buffer; 3-state
Rev. 8 - 18 August 2021
logo
NXP Semiconductors
74LVT_LVTH125 PHILIPS-74LVT_LVTH125_15 Datasheet
106Kb / 16P
   3.3 V quad buffer; 3-state
Rev. 06-6 March 2006
logo
Nexperia B.V. All right...
74LVT126 NEXPERIA-74LVT126 Datasheet
240Kb / 13P
   3.3 V quad buffer; 3-state
Rev. 6 - 27 July 2021
logo
NXP Semiconductors
74LVT126 PHILIPS-74LVT126_15 Datasheet
99Kb / 15P
   3.3 V quad buffer; 3-state
Rev. 04-11 February 2005
logo
Nexperia B.V. All right...
74ABT126 NEXPERIA-74ABT126 Datasheet
219Kb / 11P
   Quad buffer; 3-state
Rev. 6 - 8 October 2020
logo
NXP Semiconductors
74LVTH16244B NXP-74LVTH16244B Datasheet
109Kb / 17P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 06-13 November 2008
74LVT_LVTH244A PHILIPS-74LVT_LVTH244A_15 Datasheet
107Kb / 15P
   3.3 V octal buffer/line driver; 3-state
Rev. 04-3 September 2008
logo
Nexperia B.V. All right...
74LVT244A NEXPERIA-74LVT244A Datasheet
251Kb / 14P
   3.3 V octal buffer/line driver; 3-state
Rev. 7 - 17 August 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com