Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7158IS Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL7158IS
Description  Ultra-High Current Pin Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7158IS Datasheet(HTML) 2 Page - Intersil Corporation

  EL7158IS Datasheet HTML 1Page - Intersil Corporation EL7158IS Datasheet HTML 2Page - Intersil Corporation EL7158IS Datasheet HTML 3Page - Intersil Corporation EL7158IS Datasheet HTML 4Page - Intersil Corporation EL7158IS Datasheet HTML 5Page - Intersil Corporation EL7158IS Datasheet HTML 6Page - Intersil Corporation EL7158IS Datasheet HTML 7Page - Intersil Corporation EL7158IS Datasheet HTML 8Page - Intersil Corporation EL7158IS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
FN7349.2
May 14, 2007
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply Voltage (VS+ to VS-) . . . . . . . . . . . . . . . . . . . . . . . . . . .+18V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . VS- -0.3V, VS +0.3V
Continuous Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . 500mA
Storage Temperature Range . . . . . . . . . . . . . . . . . . -65°C to +150°C
Ambient operating Temperature . . . . . . . . . . . . . . . . -40°C to +85°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +125°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see curves
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
VS+ = +12V, VH = +12V, VL = 0V, VS- = 0V, TA = +25°C, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
INPUT
VIH
Logic ‘1’ Input Voltage
2.4
V
IIH
Logic ‘1’ Input Current
VIH = VS+0.1
10
µA
VIL
Logic ‘0’ Input Voltage
0.8
V
IIL
Logic ‘0’ Input Current
VIL = 0V
0.1
10
µA
CIN
Input Capacitance
3.5
pF
RIN
Input Resistance
50
M
Ω
OUTPUT
ROVH
ON-Resistance VH to OUT
IOUT = -500mA
0.5
1
Ω
ROVL
ON-Resistance VL to OUT
IOUT = +500mA
0.5
1
Ω
IOUT
Output Leakage Current
OE = 0V, OUT = VH/VL
0.1
10
µA
IPK
Peak Output Current
(linear resistive operation)
Source
12
A
Sink
12
A
IDC
Continuous Output Current
Source/Sink
500
mA
POWER SUPPLY
IS
Power Supply Current
Inputs = VS+1.3
3
mA
IVH
Off Leakage at VH and VL
VH, VL = 0V
4
10
µA
SWITCHING CHARACTERISTICS
tR
Rise Time
CL = 2000pF
12.0
ns
tF
Fall Time
CL = 2000pF
12.2
ns
tRFΔ
tR, tF Mismatch
CL = 2000pF
0.2
ns
td-1
Turn-Off Delay Time
CL = 2000pF
22.5
ns
td-2
Turn-On Delay Time
CL = 2000pF
22.0
ns
t
td-1-td-2 Mismatch
CL = 2000pF
0.5
ns
td-3
Three-State Delay Enable
22
ns
td-4
Three-State Delay Disable
22
ns
SR+
VOUT+ Slew Rate
RLOAD = 6Ω
800
V/µs
SR-
VOUT- Slew Rate
RLOAD = 6Ω
800
V/µs
EL7158


Similar Part No. - EL7158IS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7158IS INTERSIL-EL7158IS Datasheet
202Kb / 9P
   Ultra-High Current Pin Driver
May 14, 2007
logo
Renesas Technology Corp
EL7158IS RENESAS-EL7158IS Datasheet
488Kb / 9P
   Ultra-High Current Pin Driver
logo
Intersil Corporation
EL7158IS-T13 INTERSIL-EL7158IS-T13 Datasheet
202Kb / 9P
   Ultra-High Current Pin Driver
May 14, 2007
logo
Renesas Technology Corp
EL7158IS-T13 RENESAS-EL7158IS-T13 Datasheet
488Kb / 9P
   Ultra-High Current Pin Driver
logo
Intersil Corporation
EL7158IS-T7 INTERSIL-EL7158IS-T7 Datasheet
202Kb / 9P
   Ultra-High Current Pin Driver
May 14, 2007
More results

Similar Description - EL7158IS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7158IS INTERSIL-EL7158IS Datasheet
202Kb / 9P
   Ultra-High Current Pin Driver
May 14, 2007
logo
Renesas Technology Corp
EL7158 RENESAS-EL7158 Datasheet
488Kb / 9P
   Ultra-High Current Pin Driver
logo
Analog Devices
AD53500 AD-AD53500 Datasheet
101Kb / 7P
   High Speed, High Current Capability Pin Driver
REV. 0
AD53500 AD-AD53500_15 Datasheet
105Kb / 7P
   High Speed, High Current Capability Pin Driver
REV. 0
logo
Intersil Corporation
HFA5250 INTERSIL-HFA5250 Datasheet
577Kb / 5P
   500MHz, Ultra High Speed Monolithic Pin Driver
logo
Harris Corporation
HFA5253 HARRIS-HFA5253 Datasheet
527Kb / 18P
   800MHz, Ultra High-Speed Monolithic Pin Driver
logo
Intersil Corporation
EL7156 INTERSIL-EL7156 Datasheet
232Kb / 10P
   High Performance Pin Driver
logo
Renesas Technology Corp
EL7156 RENESAS-EL7156 Datasheet
555Kb / 11P
   High Performance Pin Driver
logo
Intersil Corporation
EL7156CNZ INTERSIL-EL7156CNZ Datasheet
294Kb / 11P
   High Performance Pin Driver
September 1, 2015
EL7156CNZ INTERSIL-EL7156CNZ Datasheet
294Kb / 11P
   High Performance Pin Driver
September 1, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com