Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7158ISZ-T13 Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL7158ISZ-T13
Description  Ultra-High Current Pin Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7158ISZ-T13 Datasheet(HTML) 9 Page - Intersil Corporation

  EL7158ISZ-T13 Datasheet HTML 1Page - Intersil Corporation EL7158ISZ-T13 Datasheet HTML 2Page - Intersil Corporation EL7158ISZ-T13 Datasheet HTML 3Page - Intersil Corporation EL7158ISZ-T13 Datasheet HTML 4Page - Intersil Corporation EL7158ISZ-T13 Datasheet HTML 5Page - Intersil Corporation EL7158ISZ-T13 Datasheet HTML 6Page - Intersil Corporation EL7158ISZ-T13 Datasheet HTML 7Page - Intersil Corporation EL7158ISZ-T13 Datasheet HTML 8Page - Intersil Corporation EL7158ISZ-T13 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
FN7349.2
May 14, 2007
EL7158
Small Outline Package Family (SO)
GAUGE
PLANE
A2
A1
L
L1
DETAIL X
4° ±4°
SEATING
PLANE
e
H
b
C
0.010
B
M
CA
0.004 C
0.010
B
M
CA
B
D
(N/2)
1
E1
E
N
N
(N/2)+1
A
PIN #1
I.D. MARK
h X 45°
A
SEE DETAIL “X”
c
0.010
MDP0027
SMALL OUTLINE PACKAGE FAMILY (SO)
SYMBOL
INCHES
TOLERANCE
NOTES
SO-8
SO-14
SO16
(0.150”)
SO16 (0.300”)
(SOL-16)
SO20
(SOL-20)
SO24
(SOL-24)
SO28
(SOL-28)
A
0.068
0.068
0.068
0.104
0.104
0.104
0.104
MAX
-
A1
0.006
0.006
0.006
0.007
0.007
0.007
0.007
±0.003
-
A2
0.057
0.057
0.057
0.092
0.092
0.092
0.092
±0.002
-
b
0.017
0.017
0.017
0.017
0.017
0.017
0.017
±0.003
-
c
0.009
0.009
0.009
0.011
0.011
0.011
0.011
±0.001
-
D
0.193
0.341
0.390
0.406
0.504
0.606
0.704
±0.004
1, 3
E
0.236
0.236
0.236
0.406
0.406
0.406
0.406
±0.008
-
E1
0.154
0.154
0.154
0.295
0.295
0.295
0.295
±0.004
2, 3
e
0.050
0.050
0.050
0.050
0.050
0.050
0.050
Basic
-
L
0.025
0.025
0.025
0.030
0.030
0.030
0.030
±0.009
-
L1
0.041
0.041
0.041
0.056
0.056
0.056
0.056
Basic
-
h
0.013
0.013
0.013
0.020
0.020
0.020
0.020
Reference
-
N
8
14
16
16
20
24
28
Reference
-
Rev. M 2/07
NOTES:
1. Plastic or metal protrusions of 0.006” maximum per side are not included.
2. Plastic interlead protrusions of 0.010” maximum per side are not included.
3. Dimensions “D” and “E1” are measured at Datum Plane “H”.
4. Dimensioning and tolerancing per ASME Y14.5M-1994


Similar Part No. - EL7158ISZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7158ISZ-T13 INTERSIL-EL7158ISZ-T13 Datasheet
202Kb / 9P
   Ultra-High Current Pin Driver
May 14, 2007
logo
Renesas Technology Corp
EL7158ISZ-T13 RENESAS-EL7158ISZ-T13 Datasheet
488Kb / 9P
   Ultra-High Current Pin Driver
More results

Similar Description - EL7158ISZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7158IS INTERSIL-EL7158IS Datasheet
202Kb / 9P
   Ultra-High Current Pin Driver
May 14, 2007
logo
Renesas Technology Corp
EL7158 RENESAS-EL7158 Datasheet
488Kb / 9P
   Ultra-High Current Pin Driver
logo
Analog Devices
AD53500 AD-AD53500 Datasheet
101Kb / 7P
   High Speed, High Current Capability Pin Driver
REV. 0
AD53500 AD-AD53500_15 Datasheet
105Kb / 7P
   High Speed, High Current Capability Pin Driver
REV. 0
logo
Intersil Corporation
HFA5250 INTERSIL-HFA5250 Datasheet
577Kb / 5P
   500MHz, Ultra High Speed Monolithic Pin Driver
logo
Harris Corporation
HFA5253 HARRIS-HFA5253 Datasheet
527Kb / 18P
   800MHz, Ultra High-Speed Monolithic Pin Driver
logo
Intersil Corporation
EL7156 INTERSIL-EL7156 Datasheet
232Kb / 10P
   High Performance Pin Driver
logo
Renesas Technology Corp
EL7156 RENESAS-EL7156 Datasheet
555Kb / 11P
   High Performance Pin Driver
logo
Intersil Corporation
EL7156CNZ INTERSIL-EL7156CNZ Datasheet
294Kb / 11P
   High Performance Pin Driver
September 1, 2015
EL7156CNZ INTERSIL-EL7156CNZ Datasheet
294Kb / 11P
   High Performance Pin Driver
September 1, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com