Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TBN4227 Datasheet(PDF) 5 Page - AUK corp

Part # TBN4227
Description  Si NPN Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

TBN4227 Datasheet(HTML) 5 Page - AUK corp

  TBN4227 Datasheet HTML 1Page - AUK corp TBN4227 Datasheet HTML 2Page - AUK corp TBN4227 Datasheet HTML 3Page - AUK corp TBN4227 Datasheet HTML 4Page - AUK corp TBN4227 Datasheet HTML 5Page - AUK corp TBN4227 Datasheet HTML 6Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Noise Figure
vs. Collector Current
Maximum Available Gain
vs. Collector Current
Mag
Phase
0.9
1.193
0.383
0.5427
37.04
10.477
13.809
1
1.147
0.376
0.5287
40.24
9.799
13.274
1.5
1.302
0.327
0.4514
56.36
7.374
9.887
1.8
1.636
0.313
0.353
67.11
6.607
8.27
rn
Γopt
Frequency
(GHz)
Fmin (dB)
Association gain
(dB)
Gmax
(dB)
Noise Parameter vs. Frequency
110
50
0
2
4
6
8
10
12
14
16
18
20
Collector Current, I
C (mA)
V
CE = 3 V
f = 1GHz
0.5
1
10
50
0
1
2
3
4
5
V
CE = 3 V
f = 1 GHz
Collector Current, I
C (mA)
(at VCE = 3 V, IC = 3 mA)
TBN4227 Series


Similar Part No. - TBN4227

ManufacturerPart #DatasheetDescription
logo
AUK corp
TBN4226 AUK-TBN4226 Datasheet
259Kb / 6P
   Si NPN Transistor
TBN4226E AUK-TBN4226E Datasheet
259Kb / 6P
   Si NPN Transistor
TBN4226KF AUK-TBN4226KF Datasheet
259Kb / 6P
   Si NPN Transistor
TBN4226S AUK-TBN4226S Datasheet
259Kb / 6P
   Si NPN Transistor
TBN4226U AUK-TBN4226U Datasheet
259Kb / 6P
   Si NPN Transistor
More results

Similar Description - TBN4227

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D2012 ETC1-D2012 Datasheet
24Kb / 1P
   Si NPN TRANSISTOR
logo
AUK corp
TBN4226 AUK-TBN4226 Datasheet
259Kb / 6P
   Si NPN Transistor
TBN4228 AUK-TBN4228 Datasheet
258Kb / 6P
   Si NPN Transistor
logo
List of Unclassifed Man...
D882 ETC1-D882 Datasheet
28Kb / 1P
   SI NPN TRANSISTOR
logo
AUK corp
TBN6501U AUK-TBN6501U Datasheet
197Kb / 4P
   Si NPN Transistor
TBN6301 AUK-TBN6301 Datasheet
213Kb / 6P
   Si NPN Transistor
TBN6301S AUK-TBN6301S Datasheet
213Kb / 5P
   Si NPN Transistor
logo
List of Unclassifed Man...
2SC1686 ETC-2SC1686 Datasheet
37Kb / 1P
   Si NPN Planar
2SC947 ETC-2SC947 Datasheet
43Kb / 1P
   Si NPN Planar
2SC1779 ETC-2SC1779 Datasheet
43Kb / 1P
   Si NPN Planar
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com